Electronic Components Datasheet Search
  English  ▼

X  

IDP170 Datasheet(PDF) 2 Page - DFI Inc

Part # IDP170
Description  17" Industrial Touch Monitor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

IDP170 Datasheet(HTML) 2 Page - DFI Inc

  IDP170 Datasheet HTML 1Page - DFI Inc IDP170 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
17" Industrial Touch Monitor
DISPLAY
• 17" 1280x1024 LCD monitor
• Supports projected capacitive multi-touch (10 points)
• Brightness: 250 nits
• Active area: 337.92mm x 270.336mm (H x V)
• Contrast ratio: 1000:1
• Response time: 5ms
• View angle: 85°/85°/80°/80° (L/R/U/D)
• 30,000 MTBF LED backlight
I/O PORTS
• Bottom
- 1 USB port (touch to external PC)
- 1 DVI-I port
- 1 VGA port
- 1 audio-out port
- 1 power connector
POWER
• Power input voltage: 100V~240V, 50Hz/60 Hz, 12V/3A
OS SUPPORT
• Windows XP
• Windows Vista
• Windows 7
• Windows 8
• Windows 8.1
• Windows 10
• Linux
• Android
• Mac
ENVIRONMENT
• Temperature
- Operating: 0oC ~ 40oC
- Storage: -20oC ~ 60oC
• Humidity
- Operating: 20% ~ 80% RH (non-condensing)
- Storage: 10% ~ 90% RH (non-condensing)
VIBRATION
• TBD
SHOCK
• TBD
CONSTRUCTION
• Plastic
DIMENSIONS
• 392.63mm x 363.88mm x 197.8 mm (with stand)
• 392.63mm x 327.95mm x 46.82 mm (without stand)
WEIGHT
• 4.4 Kg (with stand)
• 2.8 Kg (without stand)
IDP170
Ordering Information
• 1 IDP170 Monitor
• 1 Power Cord
• 1 VGA Cable
• 1 USB Cable
• 1 Quick Guide
Model Name
P/N
Configuration
Remark
IDP170
790-IDP170-000G
17" Projected Capacitive Multi-touch Screen Monitor
MOQ : 100pcs
Packing List
www.dfi.com DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your sales
representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © July 17, 2017 DFI Inc.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com