Electronic Components Datasheet Search
  English  ▼

X  

ES520 Datasheet(PDF) 1 Page - DFI Inc

Part # ES520
Description  Embedded Chassis for 3.5" SBC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

ES520 Datasheet(HTML) 1 Page - DFI Inc

  ES520 Datasheet HTML 1Page - DFI Inc ES520 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ES520
Embedded Chassis for 3.5" SBC
Features
Dimensions
Panel
3.5” SBC
• Designed to accommodate any DFI's 3.5" SBCs
• 4 or 2 USB ports at the front panel (optional)
• 1 2.5" SATA drive bay
Wi-Fi
USB
COM
Rear View
Front View
Power LED
HDD LED
USB 2.0
Power
Mic-in
Reset
Wi-Fi Module
Antenna Hole
Wi-Fi Module
Antenna Hole
3 DB-9 cutout
Line-out
motherboard I/O ports
166.00
50.00
182.60
193.60
16.00
Ø8.50
5.00
6.00
Front View
Right View
Left View
Rear View


Similar Part No. - ES520

ManufacturerPart #DatasheetDescription
logo
DFI Inc
ES520-HU DFI-ES520-HU Datasheet
1Mb / 2P
4th Gen Intel Core Desktop Box PC
More results

Similar Description - ES520

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EBPC-3500 ADVANTECH-EBPC-3500 Datasheet
825Kb / 2P
Embedded Industrial Chassis for 3.5" SBCs
ACK-A001E ADVANTECH-ACK-A001E Datasheet
1Mb / 2P
Compact Embedded 3.5" SBC Chassis
ACK-A002E ADVANTECH-ACK-A002E Datasheet
1Mb / 2P
Embedded 3.5" SBC Chassis for PCM-9376
ACK-A004E ADVANTECH-ACK-A004E Datasheet
1Mb / 2P
Embedded 3.5" SBC Chassis for MIO-5250, MIO-5251, MIO-5271
EPC-C100 ADVANTECH-EPC-C100 Datasheet
1Mb / 2P
Compact Embedded 3.5" SBC Chassis
EPC-C300 ADVANTECH-EPC-C300 Datasheet
1Mb / 3P
Embedded 3.5" SBC Chassis for MIO-5250, MIO-5251, MIO-5271
EPC-X200 ADVANTECH-EPC-X200 Datasheet
1Mb / 2P
Embedded 3.5" SBC Chassis for PCM-9376
logo
Axiomtek Co., Ltd.
CAPA312 AXIOMTEK-CAPA312 Datasheet
276Kb / 1P
3.5 Embedded SBC with Intel짰 Pentium짰 Processor N4200 & Celeron짰 Processor 3.5" Embedded SBC with Intel짰 Pentium짰 Processor N4200 & Celeron짰 Processor
logo
Advantech Co., Ltd.
EPC-S101 ADVANTECH-EPC-S101 Datasheet
803Kb / 2P
Embedded 3.5 SBC system for PCM-9310
logo
VIA Technologies, Inc.
VB9001 VIA-VB9001 Datasheet
456Kb / 2P
3.5 SBC Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com