Electronic Components Datasheet Search
  English  ▼

X  

EC550 Datasheet(PDF) 2 Page - DFI Inc

Part # EC550
Description  4th Gen Intel Core Modular-Designed Embedded System
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

EC550 Datasheet(HTML) 2 Page - DFI Inc

  EC550 Datasheet HTML 1Page - DFI Inc EC550 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EC550/EC551-HD
4th Gen Intel® CoreTM
Modular-Designed Embedded System
PROCESSOR SYSTEM
• CPU
- 4th Generation Intel® CoreTM processors (22nm process technology)
: Intel® CoreTM i7-4790S (8M Cache, up to 4.0 GHz); 65W
: Intel® CoreTM i7-4770S (8M Cache, up to 3.9 GHz); 65W
: Intel® CoreTM i7-4770TE (8M Cache, up to 3.3 GHz); 45W
: Intel® CoreTM i5-4590S (6M Cache, up to 3.7 GHz); 65W
: Intel® CoreTM i5-4590T (6M Cache, up to 3.0 GHz); 35W
: Intel® CoreTM i5-4570S (6M Cache, up to 3.6 GHz); 65W
: Intel® CoreTM i5-4570TE (4M Cache, up to 3.3 GHz); 35W
: Intel® CoreTM i3-4360 (4M Cache, 3.7 GHz); 54W
: Intel® CoreTM i3-4350T (4M Cache, 3.1 GHz); 35W
: Intel® CoreTM i3-4340TE (4M Cache, 2.6 GHz); 35W
: Intel® CoreTM i3-4330 (4M Cache, 3.5 GHz); 54W
: Intel® CoreTM i3-4330TE (4M Cache, 2.4 GHz); 35W
: Intel® Pentium® G3420 (3M Cache, 3.2 GHz); 53W
: Intel® Pentium® G3320TE (3M Cache, 2.3 GHz); 35W
: Intel® Celeron® G1820 (2M Cache, 2.7 GHz); 53W
: Intel® Celeron® G1820TE (2M Cache, 2.2 GHz); 35W
• Chipset: Intel® H81 Express Chipset
MEMORY
• Two 204-pin DDR3 SODIMM sockets
• Supports DDR3 1333/1600MHz
• Supports up to 16GB system memory
• Supports dual channel memory interface
GRAPHICS
• Intel® HD Graphics
• Display ports: 1 VGA, 1 DP
• VGA: 24-bit, resolution up to 1920x1200 @ 60Hz
• DP: resolution up to 3200x2000 @ 60Hz
• HDMI: 1.4a, resolution up to 4096x2304 @ 24Hz
STORAGE
• 2 2.5" SATA drive bays
- SATA 3.0 port with data transfer rate up to 6Gb/s
• Supports 1 mSATA module via the mini PCIe socket
ETHERNET
• Intel® I210 PCI Express Gigabit Ethernet controller
• Intel® I217 Gigabit Ethernet Phy
• Integrated 10/100/1000 transceiver
• Fully compliant with IEEE 802.3, IEEE 802.3u, IEEE 802.3ab
EXPANSION
• EC550
- 5 PCI slots
- 1 Mini PCIe slot
: Supports USB and PCIe signals
: Supports mSATA, Wi-Fi or 3G*
: Supports half size or full size Mini PCIe card
• EC551
- 4 PCI slots
- 1 PCIe x16 slot
- 1 Mini PCIe slot
: Supports USB and PCIe signals
: Supports mSATA, Wi-Fi or 3G*
: Supports half size or full size Mini PCIe card
FRONT PANEL I/O PORTS
• 1 power button with LED
• 1 reset button
• 1 status LED
• 1 HDD LED
• 1 VGA port
• 1 DP port
• 2 RJ45 LAN ports
• 4 Type A USB 2.0 ports
• 2 Type A USB 3.0 ports
• 4 DB-9 RS232/422/485 serial ports (with power)
• 1 9~36V DC-in 3-pole terminal block
• 1 8-bit DIO 9-pole terminal block
• Mic-in, Line-in, Line-out
POWER
• Power input voltage: 9~36V DC-in
COOLING SYSTEM
• 2 system fan
ENVIRONMENT
• Temperature
- Operating: 0oC ~ 50oC
- Storage: -20oC ~ 85oC
• Operating Vibration
- IEC68-2-64
• Operating Shock
- Half sine wave 3G, 11ms, 3 shock per axis
CONSTRUCTION
• Aluminum + SGCC
MOUNTING
• Wall mount
- Mounting brackets and screws*
DIMENSIONS
• 235mm x 208.2mm x 222mm (W x H x D)
WEIGHT
• 7.3kg
OS SUPPORT
• Windows XP (32-bit) (limited function)
• Windows 7, WES 7, Windows 8, WE8S
• Linux (Distribution available upon request)
OTHER FEATURES
• Watchdog timeout programmable via software from 1 to 255 seconds
CERTIFICATION
• CE
• FCC Class A
• RoHS
Specifications * Optional and is not supported in standard model. Please contact your sales representative for more information.
DP Port
Auto-detects DP and HDMI display



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com