Electronic Components Datasheet Search
  English  ▼

X  

WM343-MB Datasheet(PDF) 2 Page - DFI Inc

Part # WM343-MB
Description  3rd/2nd Gen Intel CoreTM Processor Desktop Box PC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

WM343-MB Datasheet(HTML) 2 Page - DFI Inc

  WM343-MB Datasheet HTML 1Page - DFI Inc WM343-MB Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WM343-MB
Specifications
SYSTEM
Processor
LGA 1155 Socket
3rd Generation Intel® CoreTM Processors
Intel® CoreTM i7-3770 Processor, 8M Cache, 3.4GHz (3.9GHz), 77W
Intel® CoreTM i5-3550S Processor, 6M Cache, 3GHz (3.7GHz), 65W
Intel® CoreTM i3-3220 Processor, 3M Cache, 3.3GHz, 55W
Intel® Pentium® Processor G2120, 3M Cache, 3.1GHz, 55W
Intel® Celeron® Processor G1620, 2M Cache, 2.7GHz, 55W
2nd Generation Intel® CoreTM Processors
Intel® CoreTM i7-2600 Processor, 8M Cache, 3.4GHz (3.8GHz), 95W
Intel® CoreTM i5-2400 Processor, 6M Cache, 3.1GHz (3.4GHz), 95W
Intel® CoreTM i3-2120 Processor, 3M Cache, 3.3GHz, 65W
Intel® Pentium® Processor G850, 3M Cache, 2.9GHz, 65W
Memory
Four 240-pin DIMM up to 32GB
Dual Channel DDR3 1333/1600MHz (3rd gen processors)
Dual Channel DDR3 1066/1333MHz (2nd gen processors)
BIOS
AMI SPI 64Mbit
GRAPHICS
Controller
Intel® HD Graphics 4000 (Core i7)
Intel® HD Graphics 2500 (Core i5/i3/Pentium)
Feature
Direct X 11, OGL 3.0
Display
MB330-CRM:
1 x DVI-I
1 x DVI-I (DVI-D signal)
1 x HDMI
MB331-CRM:
1 x VGA
1 x DVI-I (DVI-D signal)
DVI, HDMI: resolution up to 1920x1200 @ 60Hz
VGA: resolution up to 2048x1536 @ 75Hz, 32-bit
Triple/Dual Displays
MB330-CRM: DVI-I + DVI-I + HDMI
MB331-CRM: VGA + DVI-I
STORAGE
External
1 or 2 x 3.5"/2.5" SATA 3.0 Drive Bays (1 x 3.5" SATA drive bay, by default)
1 x 5.25" Optical Drive Bay
EXPANSION
Interface
1 x PCIe x16 (3rd gen processors support Gen 3) (2nd gen processors support Gen 2)
1 x PCIe x4 (Gen 2)
2 x PCI (PCI 2.3)
1 x Full-size Mini PCIe (PCIe/USB) (MB330-CRM only)
AUDIO
Audio Codec
Realtek ALC886 5.1-channel
ETHERNET
Controller
1 x Intel® WG82574L PCIe (10/100/1000Mbps)
1 x Intel® WG82579LM PCIe with iAMT8.0 (10/100/1000Mbps)
LED
Indicators
1 x Power LED
1 x HDD LED
REAR I/O
Ethernet
2 x GbE (RJ-45)
Serial
MB330-CRM:
1 x RS-232/422/485 (DB-9)
2 x RS-232 (DB-9) (available upon request)
MB331-CRM:
2 x RS-232/422/485 (DB-9)
2 x RS-232 (DB-9) (available upon request)
USB
MB330-CRM:
4 x USB 3.0 + 2 x USB 2.0
4 x USB 2.0 (available upon request)
MB331-CRM:
4 x USB 3.0
6 x USB 2.0 (available upon request)
PS/2
MB330-CRM:
1 x PS/2 (mini-DIN-6)
MB331-CRM:
2 x PS/2 (mini-DIN-6)
Display
MB330-CRM:
1 x DVI-I
1 x DVI-I (DVI-D signal)
1 x HDMI
MB331-CRM:
1 x VGA
1 x DVI-I (DVI-D signal)
Audio
1 x Line-out
1 x Line-in
1 x Mic-in
Buttons
1 x Power Button
COOLING
Fan
1 x System Fan
WATCHDOG TIMER
Output & Interval
System Reset, Programmable via Software from 1 to 255 Seconds
POWER
Supply
Flex ATX 250W
OS SUPPORT
WES 7
Windows 8
MECHANISM
Construction
Sheet Metal
Mounting
Wall Mount
Dimensions ( W x H x D)
349mm x 140.2mm x 290.9mm (13.74" x 5.52" x 11.45")
Weight
8.94kg
ENVIRONMENT
Operating Temperature
0 to 45°C
Storage Temperature
0 to 60°C
Relative Humidity
5 to 95% RH (non-condensing)
STANDARDS AND
CERTIFICATIONS
Shock
Operating: 3G
Non-operating: 5G
Vibration
Operating: Random 5~500Hz 0.5G
Non-operating: Sine 10~500Hz 1.5G
Package Drop
ISTA Project 1A
Certification
CE, FCC Class A, RoHS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com