Electronic Components Datasheet Search
  English  ▼

X  

WM343-MB Datasheet(PDF) 4 Page - DFI Inc

Part # WM343-MB
Description  3rd/2nd Gen Intel CoreTM Processor Desktop Box PC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

WM343-MB Datasheet(HTML) 4 Page - DFI Inc

  WM343-MB Datasheet HTML 1Page - DFI Inc WM343-MB Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 2 page
background image
Ordering Information
Optional Items
Packing List
Model Name
Part Number
Description
WM343-MB
750-WM3430-000G ATM System, MB330-CRM, 2 LAN, 3 COM, 10 USB, 4 Expansion Slots, Flex ATX 250W, RoHS
WM343-MB
750-WM3430-100G ATM System, MB331-CRM, 2 LAN, 4 COM, 10 USB, 4 Expansion Slots, Flex ATX 250W, RoHS
www.dfi.com DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your sales
representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © March 23, 2020 DFI Inc.
Optional Items
Part Number
Description
CPU
785-CP1155DL
CPU, LGA1155, Long-Term Support, RoHS
Memory
785-RLOD38G-L
DIMM, DDR3L Module (supports dual voltage 1.5V DDR3/1.35V DDR3L), 8GB, RoHS
785-RLOD34G-L
DIMM, DDR3L Module (supports dual voltage 1.5V DDR3/1.35V DDR3L), 4GB, RoHS
785-RLOD32G
DIMM, DDR3 Module, 2GB, RoHS
2.5” HDD/SSD
Support
531-510360-000G
One F3 x5 Copper Standoff, RoHS (note: one bay needs 4 pcs of standoff)
HDD
785-H351T0B
3.5” SATA HDD, 1TB, RoHS
785-H35500G
3.5” SATA HDD, 500GB, RoHS
785-H25500G
2.5” SATA HDD, 500GB, RoHS
785-H25320G
2.5” SATA HDD, 320GB, RoHS
785-S251TBG
2.5" SATA SSD, 1TB MLC, RoHS
785-S25512G
2.5" SATA SSD, 512GB MLC, RoHS
785-S25256G
2.5" SATA SSD, 256GB MLC, RoHS
785-S25128G
2.5" SATA SSD, 128GB MLC, RoHS
785-S25064G
2.5" SATA SSD, 64GB MLC, RoHS
Power Cord
785-PWRD
Power Cord, Standards (USA/EUR/CH), 1.8m, RoHS
Wall Mount
761-WM3410-000G WM343/WM341 Wall Mount Kit, RoHS
WM343-MB
• 1 WM343-MB System Unit
• 1 CPU cooler
• 1 SATA Data Cable (Length: 650mm)
• 4 HDD Screws
• 1 Quick Installation Guide
• 1 250W PSU
• 1 System Fan



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com