Electronic Components Datasheet Search
  English  ▼

X  

TT602F Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # TT602F
Description  6A SURFACE MOUNT GLASS PASSIVATED BRIDGE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

TT602F Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  TT602F Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD TT602F Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD TT602F Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TT601F THRU TT610F TTF
1 / 3
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
6A SURFACE MOUNT GLASS PASSIVATED BRIDGE
RECTIFIER Reverse Voltage - 100 to 1000 V
Forward Current
– 6.0A
FEATURES
High current capability
Low forward voltage drop
Glass Passivated Chip Junction
Designed for Surface Mount Application
Lead free in comply with EU RoHS 2011/65/EU directives
MECHANICAL DATA
Case: TTF
Terminals: Solderable per MIL-STD-750, Method 2026
Approx. Weight: 0.461g / 0.0163oz
Maximum Ratings and Electrical characteristics
Ratings at 25 °C ambient temperature unless otherwise specified.
Single phase half-wave 60 Hz, resistive or inductive load, for capacitive load current derate by 20 %.
Parameter
Symbols
TT601F
TT602F
TT604F
TT606F
TT608F
TT610F
Units
Maximum Repetitive Peak Reverse Voltage
VRRM
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
100
200
400
600
800
1000
V
Average Rectified Output Current
Io
6.0
A
Peak Forward Surge Current 8.3 ms Single Half
Sine-Wave Superimposed on Rated Load(JEDEC
method)
IFSM
200
A
I2t Rating for Fusing
I
2t
166
A
2S
Forward Voltage per element
at 1.0A
VF
0.83(TYP)
V
Forward Voltage per element
at 6.0A
VF
1.0
V
Maximum DC Reverse Current
at Rated DC Blocking Voltage
@
TA=25°C
IR
5
μA
@
TA=125°C
100
Typical Junction Capacitance
(
Note1)
Cj
60
pF
Typical Thermal Resistance
(
Note2)
RθJA
RθJC
RθJL
60
10
12
°C/W
Operating and Storage Temperature Range
Tj, Tstg
-55 ~ +150
°C
(1)Measured at 1 MHz and applied reverse voltage of 4 V D.C
(2)Mounted on glass epoxy PC board with 4×1.5"×1.5"(3.81×3.81 cm) copper pad.
1.Input pin(+)
2.Input pin(-)
3.Output Anode(~)
4.Output Cathode(~)
TTF
Marking Code
TT601F
TT601F
TT602F
TT602F
TT604F
TT604F
TT606F
TT606F
TT608F
TT608F
TT610F
TT610F


Similar Part No. - TT602F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TT600N16KOF INFINEON-TT600N16KOF Datasheet
530Kb / 11P
Pressure contact technology for high reliability
TT600N16KOF INFINEON-TT600N16KOF Datasheet
431Kb / 11P
Netz-Thyristor-Modul Phase Control Thyristor Module
2016-11-25 Revision: 3.3
TT600N16KOF INFINEON-TT600N16KOF_16 Datasheet
431Kb / 11P
Netz-Thyristor-Modul Phase Control Thyristor Module
2016-11-25 Revision: 3.3
logo
Tontek Design Technolog...
TT6061 TONTEK-TT6061 Datasheet
232Kb / 4P
TOUCH DIMMER
TT6061A TONTEK-TT6061A Datasheet
68Kb / 1P
TOUCH DIMMER
More results

Similar Description - TT602F

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TU600G TAITRON-TU600G Datasheet
195Kb / 4P
6A Glass Passivated Bridge Rectifier
logo
HY ELECTRONIC CORP.
MSB20A HY-MSB20A Datasheet
154Kb / 3P
GLASS PASSIVATED SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
RABS210 BYTESONIC-RABS210 Datasheet
905Kb / 2P
Surface Mount Glass Passivated Bridge Rectifiers
2019/10/12
logo
HY ELECTRONIC CORP.
B05S HY-B05S_V01 Datasheet
351Kb / 3P
Surface Mount Glass Passivated Bridge Rectifiers
logo
DONGGUAN YOU FENG WEI E...
TTR610F YFWDIODE-TTR610F Datasheet
355Kb / 3P
6A SURFACE MOUNT GLASS PASSIVATED BRIDGE
ULBF601 YFWDIODE-ULBF601 Datasheet
568Kb / 3P
6A SURFACE MOUNT GLASS PASSIVATED BRIDGE
ULBR610 YFWDIODE-ULBR610 Datasheet
420Kb / 3P
6A SURFACE MOUNT GLASS PASSIVATED BRIDGE
logo
Guangdong Juxing Electr...
ULBF608 JUXING-ULBF608 Datasheet
588Kb / 3P
6A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
SHIKUES Electronics
SLBF6K SKTECHNOLGY-SLBF6K Datasheet
274Kb / 3P
6A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
HY ELECTRONIC CORP.
FABS205 HY-FABS205 Datasheet
326Kb / 3P
Surface Mount Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com