Electronic Components Datasheet Search
  English  ▼

X  

HDSP-331X Datasheet(PDF) 13 Page - Agilent(Hewlett-Packard)

Part # HDSP-331X
Description  7.62 mm (0.3 inch) General Purpose Seven-Segment Display
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-331X Datasheet(HTML) 13 Page - Agilent(Hewlett-Packard)

Back Button HDSP-331X Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-331X Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDSP-331X Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDSP-331X Datasheet HTML 9Page - Agilent(Hewlett-Packard) HDSP-331X Datasheet HTML 10Page - Agilent(Hewlett-Packard) HDSP-331X Datasheet HTML 11Page - Agilent(Hewlett-Packard) HDSP-331X Datasheet HTML 12Page - Agilent(Hewlett-Packard) HDSP-331X Datasheet HTML 13Page - Agilent(Hewlett-Packard) HDSP-331X Datasheet HTML 14Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
Figure 13. Maximum allowable average or DC
current vs. ambient temperature.
Figure 14. Forward current vs. forward voltage.
Figure 15. Relative luminous intensity vs. DC
forward current.
Figure 16. Relative efficiency (luminous
intensity per unit current) vs. peak current.
Yellow
YELLOW
25
20
15
10
5
0
0
20
40
60
80
100
TA – AMBIENT TEMPERATURE – °C
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
120
100
80
60
40
20
0
VF – FORWARD VOLTAGE – V
3.5
2.5
2.0
1.5
1.0
0.5
0
0
5
10
15
20
25
30
IF – FORWARD CURRENT FOR SEGMENT – mA
35
3.0
1.4
0
0
5
10 15 20 25 30 35 40 45 50
IPEAK – PEAK FORWARD CURRENT
PER SEGMENT – mA
0.2
0.4
0.6
0.8
1.0
1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com