Electronic Components Datasheet Search
  English  ▼

X  

EXPRESS-BASE6 Datasheet(PDF) 1 Page - Adlink Technology Inc.

Part # EXPRESS-BASE6
Description  COM Express Type 6 Reference Carrier Board in ATX Form Factor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADLINK [Adlink Technology Inc.]
Direct Link  https://www.adlinktech.com/en/index
Logo ADLINK - Adlink Technology Inc.

EXPRESS-BASE6 Datasheet(HTML) 1 Page - Adlink Technology Inc.

  EXPRESS-BASE6 Datasheet HTML 1Page - Adlink Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
http://www.adlinktech.com/Computer-on-Module
Specifications
Form Factor
Core Module Interface
PICMG® COM Express® Revision 2.0
Supports Type 6 modules in Basic or Compact form factor
Dimensions
305 mm x 244 mm (ATX)
Expansion Busses
One PCI Express x4 slot, three PCI Express x1 slots
One ExpressCard slot
One PCI Express x16 / SDVO slot
BIOS / Debug
POST LEDs
Onboard diagnostics for BIOS POST code data and address
on LPC bus
Secondary BIOS
Onboard socket for secondary SPI flash
Active Components
Audio
Realtek ALC886 High Definition Audio Codec
Super I/O
Winbond WF83627DHG on LPC bus
Digital I/O
I2C to GPIO bridge PCA9535
Connectors
COM Express®
Two x 220-pin (Type 6)
VGA
DB15 on Rear I/O panel for VGA display
LVDS
Onboard 34-pin header
Digital Display Interface Supports three DDI ports to HDMI/DVI/DIsplayPort output by
adapter card (PCIe x16 slot with proprietary pinout)
Flat Panel Control
Onboard 8-pin header
Audio
Mic/Line-in/Line-out on I/O panel
SATA
Two SATA ports (SATA0/1), two eSATA ports (SATA2/3)
ExpressCard
One socket onboard
LAN
10/100/1000BASE-T compatible RJ45 on I/O panel
USB 2.0
Four USB 2.0 on I/O panel,
Four USB 2.0/3.0 on I/O panel
Serial Port
One DB-9 on I/O panel
One onboard 10-pin header
Smart Battery
One 10-pin header for Smart Battery management
communications (connects to ADLINK BattMan board)
LPC Debug
Onboard 20-pin header
KB/Mouse
Two 6-pin mini DIN (on rear I/O panel)
Feature Connectors
SMBus, I2C, module control signals
Miscellaneous
Reset, Power LED, HDD LED, Buzzer
COM Express® Type 6 Reference Carrier Board in
ATX Form Factor
Express-BASE6
Functional Diagram
Features
One PCI Express x4 slot, three PCI Express x1 slots
PCI Express x16 / SDVO slot
Supports three Digital Display Interfaces (DDI)
with HDMI/DVI/DisplayPort output
LPC based Super I/O
Dual BIOS (SPI and LPC)
Conforms to COM Express® Carrier Design Guide
Ordering Information
Modules
Model Number
Description/Configuration
Express-BASE6
COM Express® Type 6 Reference Carrier Board in ATX
form factor
Audio
Codec
ALC886
Trans
former
PS/2 KB/MS
USB4
USB5
USB6
USB7
PCIe lane 0 to 3
LPC
Analog VGA
Header DB25
Dual Channel LVDS
SATA0
SATA
SATA1
SATA
SATA2
SATA
SATA3
SATA
HDA
Audio 7.1
Channel
S/PDIF out
4GPI – 4GPO
Header
SMBus
Header
Header
SPI
I2C
Header
2nd SPI BIOS
Feature / Control Signals
Header
Flat Panel Control signals
RJ45
GPIO
PCA9535
EEPROM
USB0
USB1
USB2
USB3
PCIe x4
PCIe lane 5
PCIe x1
PCIe x1
PCIe lane 7
Express
Card
PCIe lane 6
USB 2.0/3.0
LAN
Super I/O
Winbond
W83627DHG-PT
LPC
USB 2.0/3.0
USB 2.0/3.0
USB 2.0/3.0
PCIe x16
4x
USB 2.0
DDI 1
DDI 2
DDI 3
PCIe x16
PEG x16
COM1
COM2
Header
Header 2x17
Header DB9
PCIe lane 4
PCIe x1
COM Express Carrier Design Guide
Provides detailed information on designing your own custom carrier
board for COM Express modules.
Note: All specifications are subject to change without further notice.


Similar Part No. - EXPRESS-BASE6

ManufacturerPart #DatasheetDescription
logo
Sealevel Systems, Inc.
EXPRESS-BASE6 SEALEVEL-EXPRESS-BASE6 Datasheet
336Kb / 2P
COM Express Carrier Board, Type 6, ATX Form Factor
More results

Similar Description - EXPRESS-BASE6

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
ECB-915A AAEON-ECB-915A Datasheet
996Kb / 1P
COM Express Carrier Board
ECB-917T AAEON-ECB-917T Datasheet
307Kb / 2P
COM Express Carrier Board
ECB-916M AAEON-ECB-916M_15 Datasheet
250Kb / 2P
COM Express Carrier Board
logo
DFI Inc
COM330-B DFI-COM330-B Datasheet
325Kb / 2P
COM Express Carrier Board
COM630-B DFI-COM630-B Datasheet
1Mb / 2P
COM Express Carrier Board
logo
Adlink Technology Inc.
EXPRESS-BASE ADLINK-EXPRESS-BASE Datasheet
326Kb / 1P
COM Express Type 2 Reference Carrier Board in ATX Form Factor
EXPRESS-BASE7 ADLINK-EXPRESS-BASE7 Datasheet
234Kb / 2P
COM Express Type 7 Reference Carrier Board in ATX Form Factor
logo
AAEON Technology
ECB-920A-A11 AAEON-ECB-920A-A11 Datasheet
699Kb / 2P
COM Express Evaluation Carrier Board (Type 6/Type 10)
2023/03/28
logo
BCM Advanced Research.
EEV-EX14 BCM-EEV-EX14 Datasheet
523Kb / 1P
Micro ATX Type6 COM Express Carrier Board
EEV-EX16 BCM-EEV-EX16 Datasheet
386Kb / 1P
Micro ATX Type 6 COM Express Carrier Board
2021/05/09
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com