Electronic Components Datasheet Search
  English  ▼

X  

EXPRESS-BL Datasheet(PDF) 2 Page - Adlink Technology Inc.

Part # EXPRESS-BL
Description  COM Express Basic Size Type 6 Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADLINK [Adlink Technology Inc.]
Direct Link  https://www.adlinktech.com/en/index
Logo ADLINK - Adlink Technology Inc.

EXPRESS-BL Datasheet(HTML) 2 Page - Adlink Technology Inc.

  EXPRESS-BL Datasheet HTML 1Page - Adlink Technology Inc. EXPRESS-BL Datasheet HTML 2Page - Adlink Technology Inc. EXPRESS-BL Datasheet HTML 3Page - Adlink Technology Inc. EXPRESS-BL Datasheet HTML 4Page - Adlink Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications
● I/O Interfaces
USB: 4x USB 1.1/2.0/3.0 (USB 0,1,2,3) and 4x USB 1.1/2.0 (USB 4,5,6,7)
SATA: Four ports SATA 6Gb/s (SATA0, SATA1, SATA2, SATA3)
Serial: 2 UART ports COM1/2 with console redirection
GPIO: 4 GPO and 4 GPI
● Super I/O
Supported on carrier if needed (standard support for W83627DHG-P)
● TPM
Chipset: Atmel AT97SC3204
Type: TPM 1.2
● Power
Standard Input: ATX = 12V±5% / 5Vsb ±5% or AT = 12V±5%
Wide Input: ATX = 8.5~20 V / 5Vsb ±5% or AT = 8.5 ~20V
(standard temp. only)
Management: ACPI 5.0 compliant, Smart Battery support
Power States: C1-C6, S0, S1, S3, S4, S5 , S5 ECO mode (Wake on USB S3/S4,
WOL S3/S4/S5)
ECO Mode: Support deep S5 mode for power saving
● Mechanical and Environmental
Form Factor: PICMG COM.0: Rev 2.1 Type 6
Dimension: Basic size: 125 mm x 95 mm
Operating Temperature
Standard: 0°C to 60°C
Extreme Rugged: -40°C to +85°C (build option)
Humidity
5-90% RH operating, non-condensing
5-95% RH storage (and operating with conformal coating)
Shock and Vibration
IEC 60068-2-64 and IEC-60068-2-27
MIL-STD-202F, Method 213B, Table 213-I, Condition A and Method 214A,
Table 214-I, Condition D
HALT
Thermal Stress, Vibration Stress, Thermal Shock and Combined Test
● Operating Systems
Standard Support
Windows 7 32/64-bit, Windows 8.1 64-bit, Linux 64-bit
Extended Support (BSP)
WES7 32/64-bit, Windows Embedded 8 Std., Linux 64-bit, VxWorks 64-bit
Note: “Build option” indicates an alternative BOM configuration to support additional or alternative functions that are not available on the standard product.
Be aware that part numbers for SKUs with “build options” will need to be created and may cause production lead times.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com