Electronic Components Datasheet Search
  English  ▼

X  

EXPRESS-DN7 Datasheet(PDF) 1 Page - Adlink Technology Inc.

Part # EXPRESS-DN7
Description  COM Express Basic Size Type 7 Module with Intel Atom C3000 SoC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADLINK [Adlink Technology Inc.]
Direct Link  https://www.adlinktech.com/en/index
Logo ADLINK - Adlink Technology Inc.

EXPRESS-DN7 Datasheet(HTML) 1 Page - Adlink Technology Inc.

  EXPRESS-DN7 Datasheet HTML 1Page - Adlink Technology Inc. EXPRESS-DN7 Datasheet HTML 2Page - Adlink Technology Inc. EXPRESS-DN7 Datasheet HTML 3Page - Adlink Technology Inc. EXPRESS-DN7 Datasheet HTML 4Page - Adlink Technology Inc. EXPRESS-DN7 Datasheet HTML 5Page - Adlink Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Express-DN7
COM Express Basic Size Type 7 Module with Intel Atom® C3000 SoC
Features
●
Intel Atom® Processor C3000 SoC (up to 16 cores),
supports full virtualization (VT-d/VT-x)
●
Up to 48GB ECC DDR4 memory at max. 2400MHz
(and non-ECC supported)
●
Up to 2x PCIe x8 Gen3 for flexible expansion
●
Up to 4x 10GBASE-KR ports
●
IEEE 1588 Precision Time Protocol (PTP) support for
real-time applications
●
Extreme Rugged operating temperature range:
-40°C to +85°C (build option for eTEMP SKUs)
●
Supports Smart Embedded Management Agent (SEMA) functions
Specifications
● Core System
CPU
Intel Atom® Processor C3000 SoC, 14nm (formerly codename: “Denverton-NS”)
Atom® C3808 2.0GHz 12MB, 25W (12C/2133MHz, eTEMP)
Atom® C3708 1.7GHz 16MB, 17W (8C/2133MHz, eTEMP)
Atom® C3508 1.6GHz 8MB, 12W (4C/1866MHz, eTEMP)
Atom® C3308 1.6/2.1GHz 4MB, 10W (2C/1866MHz, eTEMP)
Atom® C3958 2.0GHz 16MB, 31W (16C/2400MHz, by request)
Atom® C3858 2.0GHz 12MB, 25W (12C/2400MHz, by request)
Atom® C3758 2.2GHz 16MB, 25W (8C/2400MHz, by request)
Atom® C3558 2.2GHz 8MB, 16W (4C/2133MHz, by request)
Atom® C3538 2.1GHz 8MB, 15W (4C/2133MHz, by request)
Atom® C3338 1.5/2.2GHz 4MB, 9W (2C/1866MHz, by request)
Supports: Intel® Quick Assist Technology (Crypto and Compression
accelerator), Intel® VT (including VT-x, VT-d, VT-x with Extended Page Tables),
Intel® Turbo Boost Technology 2.0, Intel® SSE4.2, Intel® 64 Architecture,
Intel® ISA compatibility, Intel® Execute Disable Bit, Intel® OS Guard, Intel®
Secure Key, Intel® AES-NI, Intel® Security Hash Algorithm Extensions (SHA-1,
SHA-256)
Note: Availability of features may vary between SoC SKUs
Memory
Up to dual channel 2400/2133/1866 MHz DDR4 ECC (or non-ECC), up to 48GB
in three SODIMM sockets
Notes: Memory frequency & capacity depends on SKUs; 3rd SO-DIMM
supported by build option.
Embedded BIOS
AMI EFI with CMOS backup in 16MB SPI BIOS
Cache
16MB for C3708/C3958/C3758, 12MB for C3808/C3858, 8MB for C3508/
C3558/C3538, 4MB for C3308/C3338
Expansion Busses
Up to 1 PCI Express x8 Gen3; CD connector (lanes 16-23 x8, x4, x2 (or x1),
four controllers)
Up to 1 PCI Express x8 Gen3; AB & CD connector, lanes 0-7 (x8, x4, x2 (or x1),
four controllers, dependent on GbE support)
LPC bus, SMBus (system) , I2C (user)
Note: PCI Express ports dependent on SoC SKU
SEMA Board Controller
Supports voltage/current monitoring, power sequence debug support,
AT/ATX mode control, logistics and forensic information, flat panel control,
general purpose I2C, failsafe BIOS (dual BIOS ), watchdog timer and fan
control
Debug Headers
40-pin multipurpose flat cable connector for use with DB-40 debug module
providing BIOS POST code LED, BMC access, SPI BIOS flashing, power
testpoints, debug LEDs
MIPI60 header for debug of CPU (build option)
● 10G Ethernet
Intel® MAC/PHY
Intel® 10G Ethernet Controller integrated in SoC (two controllers)
10G Interface
Up to 4x 10GBASE-KR (bandwidth dependent on SoC SKU)
● Ethernet
Intel® MAC/PHY
Intel® i210
Interface
10/100/1000 GbE connection
NC-SI
NC-SI supported on AB connector, connected to GbE controller
Note: * All specifications are subject to change without further notice.


Similar Part No. - EXPRESS-DN7

ManufacturerPart #DatasheetDescription
logo
Adlink Technology Inc.
EXPRESS-BASE ADLINK-EXPRESS-BASE Datasheet
326Kb / 1P
COM Express Type 2 Reference Carrier Board in ATX Form Factor
EXPRESS-BASE6 ADLINK-EXPRESS-BASE6 Datasheet
308Kb / 1P
COM Express Type 6 Reference Carrier Board in ATX Form Factor
logo
Sealevel Systems, Inc.
EXPRESS-BASE6 SEALEVEL-EXPRESS-BASE6 Datasheet
336Kb / 2P
COM Express Carrier Board, Type 6, ATX Form Factor
logo
Adlink Technology Inc.
EXPRESS-BASE7 ADLINK-EXPRESS-BASE7 Datasheet
234Kb / 2P
COM Express Type 7 Reference Carrier Board in ATX Form Factor
EXPRESS-BD7 ADLINK-EXPRESS-BD7 Datasheet
573Kb / 4P
Express Basic Size Type 7 Module with Intel Xeon D and Pentium D SoC
More results

Similar Description - EXPRESS-DN7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EMETXE-I2903 ETC2-EMETXE-I2903 Datasheet
324Kb / 2P
Intel Atom N455/ D525 COM Express Basic Type 2 CPU Module
logo
Adlink Technology Inc.
EXPRESS-BD7 ADLINK-EXPRESS-BD7 Datasheet
573Kb / 4P
Express Basic Size Type 7 Module with Intel Xeon D and Pentium D SoC
EXPRESS-BD74 ADLINK-EXPRESS-BD74 Datasheet
446Kb / 4P
COM Express Basic Size Type 7 Module with Intel Xeon D SoC and 4 SODIMMs
EXPRESS-BL ADLINK-EXPRESS-BL Datasheet
273Kb / 4P
COM Express Basic Size Type 6 Module
EXPRESS-CF ADLINK-EXPRESS-CF Datasheet
515Kb / 4P
COM Express Basic Size Type 6 Module
EXPRESS-SL2 ADLINK-EXPRESS-SL2 Datasheet
597Kb / 4P
COM Express Basic Size Type 2 Module
EXPRESS-SL ADLINK-EXPRESS-SL Datasheet
551Kb / 4P
COM Express Basic Size Type 6 Module
EXPRESS-KL2 ADLINK-EXPRESS-KL2 Datasheet
599Kb / 4P
COM Express Basic Size Type 2 Module
EXPRESS-HLE ADLINK-EXPRESS-HLE Datasheet
275Kb / 4P
COM Express Basic Size Type 6 Module
logo
Advantech Co., Ltd.
SOM-5962 ADVANTECH-SOM-5962 Datasheet
997Kb / 2P
Intel짰 Atom??C3000 Processor COM Express R3.0 Type 7 Module
13-May-2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com