Electronic Components Datasheet Search
  English  ▼

X  

1782459 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1782459
Description  Printed-circuit board connector - MC 1,5/12-G-3,81 P14 THR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1782459 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1782459 Datasheet HTML 1Page - PHOENIX CONTACT 1782459 Datasheet HTML 2Page - PHOENIX CONTACT 1782459 Datasheet HTML 3Page - PHOENIX CONTACT 1782459 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/1782459
10/27/2014   Page 1 / 4
Printed-circuit board connector - MC 1,5/12-G-3,81 P14 THR - 1782459
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Header, Nominal current: 8 A, Rated voltage (III/2): 160 V, Number of positions: 12, Pitch: 3.81 mm, Color: black,
Contact surface: Tin, Assembly: SMD/THT/THR
Product Features
 Plug-in direction parallel to the PCB
 Pitch: 3.81 mm
 Low-profile THR headers with a compact pitch
 Use in SMT reflow processes
 
Key commercial data
Packing unit
1 pc
Minimum order quantity
50 pc
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Length
9.2 mm
Height
8.3 mm
Width
47.11 mm
Pitch
3.81 mm
Dimension a
41.91 mm
Pin dimensions
0,8 x 0,8 mm
Hole diameter
1.4 mm
General
Range of articles
MC 1,5/..-G-THR
Insulating material group
IIIa


Similar Part No. - 1782459

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
17824 CANDD-17824 Datasheet
83Kb / 2P
Radial Lead Inductors
logo
Rohm
17824 ROHM-17824 Datasheet
363Kb / 6P
Three-Terminal Regulator
logo
PHOENIX CONTACT
1782404 PHOENIX-1782404 Datasheet
71Kb / 4P
Printed-circuit board connector - MC 1,5/ 7-G-3,81 P14 THR
1782417 PHOENIX-1782417 Datasheet
72Kb / 4P
Printed-circuit board connector - MC 1,5/ 8-G-3,81 P14 THR
1782420 PHOENIX-1782420 Datasheet
71Kb / 4P
Printed-circuit board connector - MC 1,5/ 9-G-3,81 P14 THR
More results

Similar Description - 1782459

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1782365 PHOENIX-1782365 Datasheet
71Kb / 4P
Printed-circuit board connector - MC 1,5/ 3-G-3,81 P14 THR
1782378 PHOENIX-1782378 Datasheet
71Kb / 4P
Printed-circuit board connector - MC 1,5/ 4-G-3,81 P14 THR
1702669 PHOENIX-1702669 Datasheet
72Kb / 3P
Printed-circuit board connector - MC 1,5/12-G-3,81 P14 THRR72
1782394 PHOENIX-1782394 Datasheet
71Kb / 4P
Printed-circuit board connector - MC 1,5/ 6-G-3,81 P14 THR
1782404 PHOENIX-1782404 Datasheet
71Kb / 4P
Printed-circuit board connector - MC 1,5/ 7-G-3,81 P14 THR
1782417 PHOENIX-1782417 Datasheet
72Kb / 4P
Printed-circuit board connector - MC 1,5/ 8-G-3,81 P14 THR
1782420 PHOENIX-1782420 Datasheet
71Kb / 4P
Printed-circuit board connector - MC 1,5/ 9-G-3,81 P14 THR
1782446 PHOENIX-1782446 Datasheet
71Kb / 4P
Printed-circuit board connector - MC 1,5/11-G-3,81 P14 THR
1781900 PHOENIX-1781900 Datasheet
76Kb / 4P
Printed-circuit board connector - MC 1,5/12-GF-3,81 P14 THR
1782352 PHOENIX-1782352 Datasheet
126Kb / 8P
Printed-circuit board connector - MC 1,5/ 2-G-3,81 P14 THR
09/12/2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com