Electronic Components Datasheet Search
  English  ▼

X  

QL4009 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # QL4009
Description  9,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL4009 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  QL4009 Datasheet HTML 1Page - List of Unclassifed Manufacturers QL4009 Datasheet HTML 2Page - List of Unclassifed Manufacturers QL4009 Datasheet HTML 3Page - List of Unclassifed Manufacturers QL4009 Datasheet HTML 4Page - List of Unclassifed Manufacturers QL4009 Datasheet HTML 5Page - List of Unclassifed Manufacturers QL4009 Datasheet HTML 6Page - List of Unclassifed Manufacturers QL4009 Datasheet HTML 7Page - List of Unclassifed Manufacturers QL4009 Datasheet HTML 8Page - List of Unclassifed Manufacturers QL4009 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© 2002 QuickLogic Corporation
www.quicklogic.com
1
•
•
•
•
•
•
• • • • • •
Device Highlights
High Performance & High Density
•
9,000 Usable PLD Gates with 82 I/Os
•
300 MHz 16-bit Counters, 400 MHz
Datapaths, 160+ MHz FIFOs
•
0.35
µm four-layer metal non-volatile
CMOS process for smallest die sizes
High Speed Embedded SRAM
•
8 dual-port RAM modules, organized in
user-configurable 1,152 bit blocks
•
5 ns access times, each port independently
accessible
•
Fast and efficient for FIFO, RAM, and ROM
functions
Easy to Use / Fast Development
Cycles
•
100% routable with 100% utilization and
complete pin-out stability
•
Variable-grain logic cells provide high
performance and 100% utilization
•
Comprehensive design tools include high
quality Verilog/VHDL synthesis
Advanced I/O Capabilities
•
Interfaces with both 3.3 V and 5.0 V devices
•
PCI compliant with 3.3 V and 5.0 V busses
for -1/-2/-3/-4 speed grades
•
Full JTAG boundary scan
•
I/O Cells with individually controlled
Registered Input Path and Output Enables
Figure 1: QuickRAM Block Diagram
8
RAM
Blocks
160
High Speed
Logic Cells
Interface
QL4009 QuickRAM Data Sheet
9,000 Usable PLD Gate QuickRAM ESP Combining Performance,
Density and Embedded RAM


Similar Part No. - QL4009

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL4016 ETC-QL4016 Datasheet
478Kb / 18P
16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4016-0CF100C ETC-QL4016-0CF100C Datasheet
478Kb / 18P
16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4016-0CF100I ETC-QL4016-0CF100I Datasheet
478Kb / 18P
16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4016-0CF100M ETC-QL4016-0CF100M Datasheet
478Kb / 18P
16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4016-0CF100M ETC1-QL4016-0CF100M Datasheet
576Kb / 22P
90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM
More results

Similar Description - QL4009

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL8025 ETC-QL8025 Datasheet
739Kb / 49P
LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
QL4016 ETC-QL4016 Datasheet
478Kb / 18P
16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL2009 ETC-QL2009 Datasheet
272Kb / 12P
3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL4016-1PB456M ETC1-QL4016-1PB456M Datasheet
576Kb / 22P
90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM
QL4058 ETC1-QL4058 Datasheet
536Kb / 23P
58,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL3012 ETC1-QL3012 Datasheet
239Kb / 14P
60,000 Usable PLD Gate pASIC3 FPGA Combining High Performance and High Density
QL3025 ETC1-QL3025 Datasheet
528Kb / 17P
25,000 Usable PLD Gate pASIC 3 FPGA Combining High Performance and High Density
QL2007 ETC1-QL2007 Datasheet
299Kb / 10P
3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
logo
ATMEL Corporation
ATF16V8B ATMEL-ATF16V8B_1 Datasheet
657Kb / 16P
High Performance Flash PLD
logo
Lumileds Lighting Compa...
L1HX-2770200000000 LUMILEDS-L1HX-2770200000000 Datasheet
2Mb / 17P
Best performance. Most usable light.
20210523
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com