Electronic Components Datasheet Search
  English  ▼

X  

FSNF120US Datasheet(PDF) 2 Page - BELIMO AIRCONTROLS (USA), INC

Part # FSNF120US
Description  On/Off, Spring Return, 350째F [177째C] for half an hour, AC 120 V, 15 s Cycle Time
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELIMO [BELIMO AIRCONTROLS (USA), INC]
Direct Link  https://www.belimo.us/
Logo BELIMO - BELIMO AIRCONTROLS (USA), INC

FSNF120US Datasheet(HTML) 2 Page - BELIMO AIRCONTROLS (USA), INC

  FSNF120US Datasheet HTML 1Page - BELIMO AIRCONTROLS (USA), INC FSNF120US Datasheet HTML 2Page - BELIMO AIRCONTROLS (USA), INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Accessories
AF-P
Anti-rotation bracket AF/NF.
IND-AF2
End stop indicator
K4-1 US
Classic AF/NF jackshaft clamp (up to 1.05”).
KH-AF-1 US Classic AF/NF crankarm for Jackshaft to 1.05”.
SH8
Push rod for KG6 & KG8 ball joints (36” L, 5/16” diameter).
ZDB-AF2 US Angle of rotation limiter for Classic AF/NF.
ZG-100
Univ. right angle bracket 17”x11-1/8”x6” (HxWxbase).
ZG-101
Univ. right angle bracket 13x11x7-7/16” (HxWxbase).
ZG-AF US
Classic AF/NF crankarm adaptor kit.
ZG-AF108
Classic AF/NF crankarm adaptor kit with ZG-108.
ZG-DC1
Damper clip for damper blade, 3.5” width.
ZG-DC2
Damper clip for damper blade, 6” width.
ZS-100
Weather shield - galvaneal 13x8x6” (LxWxD).
ZS-150
Weather shield - PC w/ foam seal 16x8-3/8x4” (LxWxD).
ZS-260
Explosion proof housing.
ZS-300
NEMA 4X, 304 stainless steel enclosure.
BAE165 US
165° F electric thermal sensor, SPST, normally closed.
S2A-F US
Auxiliary switch, 2x SPDT, 3A (0.5A inductive) @250 VAC max.
Typical Specification
All smoke and combination fire and smoke dampers shall be provided
with Belimo FSTF, FSLF, FSNF, or FSAF actuators. All substitutions must be
approved before submission of bid. Damper and actuator shall have UL 555S
Listing for 250°F (350°F). Actuator shall have been tested to UL 2043 per
requirements of IMC 602.2 and NEC 300.22 (c). Where position indication is
required -S models with auxiliary switches or damper blade switches will be
provided per code requirements.
Wiring Diagrams
INSTALLATION NOTES
Provide overload protection and disconnect as required.
45
Actuators may be powered in parallel. Power consumption must be
observed.
75
Ground present on some models.
45
2 Hot
1 Neutral
3 Ground
1
N (White)
L1 (Black)
120 VAC
Detector or relay
F&S Damper
21
HOT
165°F
To alarm
system
Manual
reset
Actuator
N, L2,
or COM
Typical containment damper control wiring
Detector or relay
F&S Damper
21
HOT
To alarm
system
Actuator
N, L2,
or COM
Fusible link F&S
or smoke
damper
Typical smoke or fusible link damper wiring
Parallel Actuator Wiring
FSNF120 US Technical Data Sheet
On/Off, Spring Return, 350°F [177°C] for half an hour, AC 120 V, 15 s Cycle Time
800-543-9038 USA
866-805-7089 CANADA
203-791-8396 LATIN AMERICA / CARIBBEAN



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com