Electronic Components Datasheet Search
  English  ▼

X  

MPS6428 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MPS6428
Description  Amplifier Transistor(NPN Silicon)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPS6428 Datasheet(HTML) 2 Page - ON Semiconductor

  MPS6428 Datasheet HTML 1Page - ON Semiconductor MPS6428 Datasheet HTML 2Page - ON Semiconductor MPS6428 Datasheet HTML 3Page - ON Semiconductor MPS6428 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MPS6428
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS
DC Current Gain
(VCE = 5.0 Vdc, IC = 0.01 mAdc)
(VCE = 5.0 Vdc, IC = 0.1 mAdc)
(VCE = 5.0 Vdc, IC = 1.0 mAdc)
(VCE = 5.0 Vdc, IC = 10 mAdc)
hFE
250
250
250
250
—
650
—
—
—
Collector – Emitter Saturation Voltage
(IC = 10 mAdc, IB = 0.5 mAdc)
(IC = 100 mAdc, IB = 5.0 mAdc)
VCE(sat)
—
—
0.2
0.6
Vdc
Base – Emitter On Voltage
(IC = 1.0 mAdc, VCE = 5.0 Vdc)
VBE(on)
0.56
0.66
Vdc
SMALL– SIGNAL CHARACTERISTICS
Current – Gain — Bandwidth Product
(IC = 1.0 mAdc, VCE = 5.0 V, f = 100 MHz)
fT
100
700
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 1.0 MHz)
Cobo
—
3.0
pF
Input Capacitance
(VEB = 0.5 Vdc, IC = 0, f = 1.0 MHz)
Cibo
—
8.0
pF
Input Impedance
(IC = 1.0 mAdc, VCE = 5.0 Vdc, f = 1.0 kHz)
hie
3.0
30
k
Ω
Voltage Feedback Ratio
(IC = 1.0 mAdc, VCE = 5.0 Vdc, f = 1.0 kHz)
hre
2.0
20
X 10–4
Small–Signal Current Gain
(IC = 1.0 mAdc, VCE = 5.0 Vdc, f = 1.0 kHz)
hfe
200
800
—
Output Admittance
(IC = 1.0 mAdc, VCE = 5.0 Vdc, f = 1.0 kHz)
hoe
5.0
50
mmhos
NOISE FIGURE/TOTAL NOISE VOLTAGE CHARACTERISTICS
NF
VT
NF
VT
NF
VT
Max (1)
Max (2)
Max (3)
Unit
Noise Figure/Voltage
(VCE = 5.0 V, IC = 0.1 mA, TA = 25°C)
7.0
18.1
6.0
5700
3.5
4.3
dB
nV
1. RS = 10 kΩ, BW = 1.0 Hz, f = 100 Hz
2. RS = 50 kΩ, BW = 15.7 kHz, f = 10 Hz–10 kHz
3. RS = 500 Ω, BW = 1.0 Hz, f = 10 Hz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com