Electronic Components Datasheet Search
  English  ▼

X  

AP4424 Datasheet(PDF) 1 Page - Schneider Electric

Part # AP4424
Description  Rack ATS, 230V, 32A, IEC 309 in, (16) C13 (2) C19 out
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

AP4424 Datasheet(HTML) 1 Page - Schneider Electric

  AP4424 Datasheet HTML 1Page - Schneider Electric AP4424 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
AP4424
Rack ATS, 230V, 32A, IEC 309 in, (16) C13 (2)
C19 out
Tổng quan
Thời gian thực hiện
Usually in Stock
General
Provided equipment
Rack mounting brackets
RS-232 configuration cable
Serial configuration cable
Physical
Cable length
2,44 M
Colour
Black
Depth
23,6 Cm
Height
8,8 Cm
Net weight
6,94 Kg
Width
43,2 Cm
Input
Network frequency
50/60 Hz
Plug standard
IEC 60309 32 A 2P + E
Max line current
32 A
Input current limits
32 A
Load capacity
7400 VA
Input voltage
230 V
Output
Max current draw
32 A
Number of power socket outlets
16 IEC 60320 C13
2 IEC 60320 C19
Protection type
Circuit breaker
Output voltage
230 V
Conformance
Standards
EN 55022 class A
FCC part 15 class A
08-10-2020
1


Similar Part No. - AP4424

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4424AGM A-POWER-AP4424AGM Datasheet
99Kb / 4P
Low On-resistance, Simple Drive Requirement
AP4424AGM-HF A-POWER-AP4424AGM-HF Datasheet
103Kb / 5P
Fast Switching Characteristic
AP4424AGM A-POWER-AP4424AGM_14 Datasheet
99Kb / 4P
Simple Drive Requirement
AP4424GM A-POWER-AP4424GM Datasheet
218Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
BYCHIP ELECTRONICS CO.,...
AP4424GM BYCHIP-AP4424GM Datasheet
1Mb / 5P
N-Channel Enhancement Mode Power MOSFET
v1.0
More results

Similar Description - AP4424

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PDUMH32HVAT TRIPPLITE-PDUMH32HVAT Datasheet
516Kb / 3P
TAA-Compliant 7.4kW Single-Phase ATS/Metered PDU, 230V Outlets (16 C13 & 2 C19), 2 IEC309 32A Blue Cords, 2U Rack-Mount
PDUMH32HVATNET TRIPPLITE-PDUMH32HVATNET Datasheet
515Kb / 4P
TAA-Compliant 7.4kW Single-Phase ATS/Switched PDU, 230V Outlets (16 C13 & 2 C19), 2 IEC309 32A Blue Cords, 2U Rack-Mount
PDUH32HV TRIPPLITE-PDUH32HV Datasheet
160Kb / 3P
7.4kW Single-Phase 230V Basic PDU, 10 C13 Outlets, IEC 309 32A Blue Input, 3.6 m Cord, 1U Rack-Mount
PDUMH32HV TRIPPLITE-PDUMH32HV Datasheet
163Kb / 3P
7.4kW Single-Phase Metered PDU, 230V Outlets (2-C19, 16-C13), IEC-309 230V 32A Blue, 12ft Cord, 2U Rack-Mount, TAA
PDUMH32HVNET TRIPPLITE-PDUMH32HVNET Datasheet
170Kb / 4P
7.4kW Single-Phase Switched PDU, LX Platform Interface, 230V Outlets (16-C13), IEC-309 Blue 230V 32A, 3.6m Cord, 2U Rack-Mount, TAA
PDUMNH32HV TRIPPLITE-PDUMNH32HV Datasheet
167Kb / 4P
7.4kW Single-Phase Monitored PDU with LX Platform Interface, 230V Outlets (12-C13, 4-C19), IEC-309 32A Blue, 12ft Cord, 2U Rack-Mount, TAA
PDUMV32HV TRIPPLITE-PDUMV32HV Datasheet
163Kb / 4P
7.4kW Single-Phase Metered PDU, 230V Outlets (8 C19 and 40 C13), IEC-309 32A Blue Input, 10 ft. Cord, 0U Vertical, TAA, 70 in.
logo
Schneider Electric
AP8953 SCHNEIDER-AP8953 Datasheet
56Kb / 2P
Rack PDU 2G, Switched, ZeroU, 32A, 230V, (21) C13 & (3) C19
Oct 25, 2017
AP8853 SCHNEIDER-AP8853 Datasheet
64Kb / 2P
Rack PDU 2G, Metered, ZeroU, 32A, 230V,(36) C13 & (6) C19
Oct 8, 2020
logo
Tripp Lite. All Rights ...
PDUMNH32HVAT2 TRIPPLITE-PDUMNH32HVAT2 Datasheet
168Kb / 4P
7.4kW 200-240V Single-Phase ATS/Monitored PDU - 16 C13 & 2 C19 Outlets, Dual IEC 309 32A Blue Inputs, 3 m Cords, 2U, TAA
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com