Electronic Components Datasheet Search
  English  ▼

X  

SH79F166AF044FR Datasheet(PDF) 71 Page - List of Unclassifed Manufacturers

Part # SH79F166AF044FR
Description  Enhanced 8051 microcontroller with 10-bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SH79F166AF044FR Datasheet(HTML) 71 Page - List of Unclassifed Manufacturers

Back Button SH79F166AF044FR Datasheet HTML 67Page - List of Unclassifed Manufacturers SH79F166AF044FR Datasheet HTML 68Page - List of Unclassifed Manufacturers SH79F166AF044FR Datasheet HTML 69Page - List of Unclassifed Manufacturers SH79F166AF044FR Datasheet HTML 70Page - List of Unclassifed Manufacturers SH79F166AF044FR Datasheet HTML 71Page - List of Unclassifed Manufacturers SH79F166AF044FR Datasheet HTML 72Page - List of Unclassifed Manufacturers SH79F166AF044FR Datasheet HTML 73Page - List of Unclassifed Manufacturers SH79F166AF044FR Datasheet HTML 74Page - List of Unclassifed Manufacturers SH79F166AF044FR Datasheet HTML 75Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 113 page
background image
SH79F166A
71
8.3.3 PWM保护寄存器
PWM保护寄存器用来控制对PWM允许寄存器、PWM控制寄存器、PWM周期寄存器、PWM占空比寄存器和PWM死区时间
控制寄存器的更改。只有当保护寄存器中的数据为55h时,才允许修改这些寄存器内容,否则不能修改。
这个寄存器能增强SH79F166A的抗干扰能力。
Table 8.14 PWM保护寄存器
E7H
第7位
第6位
第5位
第4位
第3位
第2位
第1位
第0位
PWMLO
PWMLO.7 PWMLO.6 PWMLO.5 PWMLO.4 PWMLO.3 PWMLO.2 PWMLO.1 PWMLO.0
读/写
读/写
读/写
读/写
读/写
读/写
读/写
读/写
读/写
复位值
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
位编号
位符号
说明
7-0
PWMLO[7:0]
PWM锁定位
只有当PWMLO = 0x55,才能允许修改其他PWM寄存器



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com