Electronic Components Datasheet Search
  English  ▼

X  

SDL470 Datasheet(PDF) 4 Page - Extech Instruments Corporation.

Part # SDL470
Description  UVA, UVC Light Meter with Temperature
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

SDL470 Datasheet(HTML) 4 Page - Extech Instruments Corporation.

  SDL470 Datasheet HTML 1Page - Extech Instruments Corporation. SDL470 Datasheet HTML 2Page - Extech Instruments Corporation. SDL470 Datasheet HTML 3Page - Extech Instruments Corporation. SDL470 Datasheet HTML 4Page - Extech Instruments Corporation. SDL470 Datasheet HTML 5Page - Extech Instruments Corporation. SDL470 Datasheet HTML 6Page - Extech Instruments Corporation. SDL470 Datasheet HTML 7Page - Extech Instruments Corporation. SDL470 Datasheet HTML 8Page - Extech Instruments Corporation. SDL470 Datasheet HTML 9Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
SDL470-en-GB_v1.4 3/17
Operation
Function/Measurement Selection
• Power the meter ON or OFF by pressing and holding the Power button for at least 2 seconds.
• If this is the first time the meter is powered ON or if the batteries have been replaced, the
meter may display the SET DATE message to remind user to set the date and time (see the
SETUP MODE section for setting the time and date).
• Scroll through the three measurement options (UVA LIGHT, UVC LIGHT, or TYPE K/J
THERMOMETER) by pressing and holding the Function button. The display icons are ‘A’ for
UVA Light, ‘C’ for UVC Light, and ‘tP’ for Type K/J thermometer.
UVA Light Meter
• Insert the UVA Probe Plug into the Probe Input Socket.
• Switch the meter ON by pressing and holding the Power button for at least 2 seconds.
• Select the UVA Light Meter option as described above in the Function/Measurement
Selection section.
• The display will show the µW/cm^2 unit of measure.
• The meter is now ready to make UVA light measurements.
• Holding the Sensor Handle, face the UVA Sensor toward the source of UVA light.
• The display will show the measurement reading.
UVC Light Meter
• Insert the UVC Probe Plug into the Probe Input Socket.
• Switch the meter ON by pressing and holding the Power button for at least 2 seconds.
• Select the UVC Light Meter option as described above in the Function/Measurement
Selection section.
• The display will show the µW/cm^2 unit of measure.
• The meter is now ready to make UVC light measurements.
• Holding the Sensor Body, face the UVC Sensor toward the source of UVC light.
• The display will show the measurement reading.
LCD Backlight
• Press and hold the HOLD/Backlight button for 2 seconds to switch the LCD backlight ON/OFF.
ZERO Adjustment
• Cover the light sensor with the protective cover.
• If the meter display does not read zero, press and hold both the up and down arrow buttons
simultaneously for at least 3 seconds.
• The display will automatically zero.
• Remove the sensor cover to begin taking measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com