Electronic Components Datasheet Search
  English  ▼

X  

ZMOD4510AI1R Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ZMOD4510AI1R
Description  Gas Sensor Module for Outdoor Air Quality
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZMOD4510AI1R Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ZMOD4510AI1R Datasheet HTML 7Page - Renesas Technology Corp ZMOD4510AI1R Datasheet HTML 8Page - Renesas Technology Corp ZMOD4510AI1R Datasheet HTML 9Page - Renesas Technology Corp ZMOD4510AI1R Datasheet HTML 10Page - Renesas Technology Corp ZMOD4510AI1R Datasheet HTML 11Page - Renesas Technology Corp ZMOD4510AI1R Datasheet HTML 12Page - Renesas Technology Corp ZMOD4510AI1R Datasheet HTML 13Page - Renesas Technology Corp ZMOD4510AI1R Datasheet HTML 14Page - Renesas Technology Corp ZMOD4510AI1R Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
ZMOD4510 Datasheet
© 2020 Renesas Electronics Corporation
11
February 7, 2020
10. Test and Calibration
As a unique feature, all sampled gas sensor modules are fully tested during Renesas’ final test. The final test parameters in Table 8 are applied
for each ZMOD4510. All sensor modules are pre-stabilized in the final test although the user might see a small change in the module’s raw
signal during an initial warm-up phase during the first operation. The gas sensor module qualification is based on JEDEC (JESD47) and its
subsequent standard (JESD22, JESD78 etc.); it has been tested for a lifetime of 5 years. Renesas has proven a MOx lifetime of over 15+ years
in actual continuous operation in conditions without exposures to stressful environments.
Table 8.
Final Test Parameters
Test
Test Object
Parameters
Test Results
Saved in NVM?
Electrical
ASIC
Voltages, current consumption, frequencies, scan pattern
No
Electrical
Module
Calibration conditions, tracking ID, resistances
Yes
Gas
Module
Sensitivity parameters (slope and intercept) at stimulation with different gas concentrations
Yes
Gas
Module
Pre-stabilization
No
11. I2C Interface and Data Transmission Protocol
The I2C slave device interface supports various bus speeds: Standard Mode (≤100kHz) and Fast Mode (≤400kHz).
By default, the 7-bit slave address for the serial I2C data interface is set to 33HEX. The implemented data transmission protocol is similar to the
one used for conventional EEPROM devices. The register to read/write is selected by a register address pointer. This address pointer must be
set during an I2C write operation. After transmission of a register, the address pointer is automatically incremented. An increment from the
address FFHEX rolls over to 00HEX.
For an example of the I2C data transmission protocol, see Figure 4. For information on I2C bus timing, see Figure 5. For I2C bus characteristics,
see Table 9, which explains how to set up the interface. Although the ZMOD4510 has an I2C interface, the user is not intended to modify any
registers because a configuration change will affect the sensor’s performance, reliability, and accuracy. The API provided with the downloadable
firmware package on the website manages all necessary sensor communication.
To validate the read/write access it is possible to write random values to registers 0x88 to 0x8B, and then read them afterwards. After register
testing, reset the device by disconnecting the power support; otherwise, the device may not operate properly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com