Electronic Components Datasheet Search
  English  ▼

X  

SL01 Datasheet(PDF) 6 Page - LG Semicon Co.,Ltd.

Part # SL01
Description  17??SXGA TFT LCD
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

SL01 Datasheet(HTML) 6 Page - LG Semicon Co.,Ltd.

Back Button SL01 Datasheet HTML 2Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 3Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 4Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 5Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 6Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 7Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 8Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 9Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 10Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
Product Specification
LB170E01-SL01
Liquid Crystal Display
2. Absolute Maximum Ratings
The following are maximum values which, if exceeded, may cause faulty operation or damage to the unit.
Note : 1. Temperature and relative humidity range are shown in the figure below.
Wet bulb temperature should be 39 °C Max, and no condensation of water.
2. Maximum Storage Humidity is up to 40
℃, 70% RH only for 4 corner light leakage Mura.
3. Storage condition is guaranteed under packing condition
Table 1. ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Values
Units
Notes
Min
Max
Power Input Voltage
VLCD
-0.3
6.0
Vdc
at 25 ± 2°C
Operating Temperature
TOP
-10
70
°C
1, 2, 3
Storage Temperature
TST
-20
80
°C
Operating Ambient Humidity
HOP
10
90
%RH
Storage Humidity
HST
10
90
%RH
Ver. 1.0
Dec. 16. 2013
5 / 31
FIG.2 Temperature and relative humidity
[[[[ Storage
Storage
Storage
Storage ]]]]
[[[[ Operation
Operation
Operation
Operation ]]]]
---- 10
10
10
10
10
10
10
10
20
20
20
20
30
30
30
30
40
40
40
40
50
50
50
50
60
60
60
60
70
70
70
70
0
0
0
0
Dry
Dry
Dry
Dry Bulb
Bulb
Bulb
Bulb Temperature
Temperature
Temperature
Temperature [[[[
℃
℃
℃
℃]]]]
10
10
10
10
%
%
%
%
30
30
30
30
%
%
%
%
60
60
60
60
%
%
%
%
90
90
90
90%
%
%
%
0
0
0
0
10
10
10
10
20
20
20
20
30
30
30
30
40
40
40
40
50
50
50
50
60
60
60
60
Wet
Wet
Wet
Wet Bulb
Bulb
Bulb
Bulb
Temperature
Temperature
Temperature
Temperature [[[[
℃
℃
℃
℃]]]]
80
80
80
80%
%
%
%
80
80
80
80
---- 20
20
20
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com