Electronic Components Datasheet Search
  English  ▼

X  

EV600 Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # EV600
Description  Kilovac EV600 High Voltage Contactor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

EV600 Datasheet(HTML) 4 Page - TE Connectivity Ltd

  EV600 Datasheet HTML 1Page - TE Connectivity Ltd EV600 Datasheet HTML 2Page - TE Connectivity Ltd EV600 Datasheet HTML 3Page - TE Connectivity Ltd EV600 Datasheet HTML 4Page - TE Connectivity Ltd EV600 Datasheet HTML 5Page - TE Connectivity Ltd EV600 Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PAGE 4
AEROSPACE, DEFENSE & MARINE /// Kilovac EV600 High Voltage Contactor
Kilovac EV600 High Voltage Contactor
Coil Data
Coil Data @ 20C (Internal Two-Coil Economizer)
12V Coil
24/28V Coil
Coil Voltage Range
Vdc
9-14
18-28
Nominal Pickup Current
A
5.5
4.5
Nominal Holding Current
A
0.25
0.30
Pickup Voltage
Vdc
≥ 9
≥ 16
Dropout Voltage
Vdc
≤ 3.5
≤ 10
Pickup Pulse (max)
ms
50
50
Coil Resistance +/-5%
Ω
2.0 Pickup/43 Hold
5.7 Pickup/104 Hold
Coil Holding Power
W
3.2
5.3
Main Contacts:
20
20
Operate Time (max)
ms
Operate Bounce (max)
ms
3
3
Release Time
ms
5
5
EV600 (Electronic Cut-Throat Economizer)
Coil Wire: 22 AWG, Red = +, Black = Return
Auxiliary: 22 AWG;
White = NO
White = COM
All wires Raychem FLHTC6009-22, 1kV rated
Schematic
A2
A1
+
—
COM
NO
Coil + Integrated
Economizer



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com