Electronic Components Datasheet Search
  English  ▼

X  

SJ3552CF Datasheet(PDF) 2 Page - 3M Electronics

Part # SJ3552CF
Description  3M™ Dual Lock™ Reclosable Fastener SJ3560
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

SJ3552CF Datasheet(HTML) 2 Page - 3M Electronics

  SJ3552CF Datasheet HTML 1Page - 3M Electronics SJ3552CF Datasheet HTML 2Page - 3M Electronics SJ3552CF Datasheet HTML 3Page - 3M Electronics SJ3552CF Datasheet HTML 4Page - 3M Electronics SJ3552CF Datasheet HTML 5Page - 3M Electronics SJ3552CF Datasheet HTML 6Page - 3M Electronics SJ3552CF Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
3M™ Dual Lock™ Reclosable Fastener SJ3560
General Information
Pressure Senstive Adhesive backed product
Product Family: Acrylic PSA VHB rm type backing for medium to high surface energy attachment
Technical Information Note
The following technical information and data should be considered representative or typical only and should not be used for speci cation purposes.
Typical Physical Properties
Property
Values
Dual Lock Color
Clear
Adhesive Color
Clear
Thickness
3.51 mm
138 mil
Engaged to itself or to one of the same family
5.74 mm
226 mil
Stems
39 Stems/cm²
250 Stems/in²
Liner Material
Silicone treated Polyole n with Red printing
Liner Thickness
0.1 mm
4 mil
Liner Color
Clear
Typical Performance Characteristics
Property
Values
Temperature Resistance
104 °C
220 °F
Dynamic Tensile (Engage)
Substrate
9 N/cm²
13 lb/in²
Type 170 to 250
14.5 N/cm²
21 lb/in²
Type 170 to 400
15.2 N/cm²
22 lb/in²
Type 250 to 250
21.4 N/cm²
31 lb/in²
Type 250 to 400
18.5 N/cm²
27 lb/in²
Low Pro le to Low Pro le
Property: Dynamic Tensile (Engage)
Table continued on next page
Dynamic Tensile (Disengage)
Substrate
18.5 N/cm²
27 lb/in²
Type 170 to 250
29.6 N/cm²
43 lb/in²
Type 170 to 400
29.6 N/cm²
43 lb/in²
Type 250 to 250



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com