Electronic Components Datasheet Search
  English  ▼

X  

ST170-25 Datasheet(PDF) 2 Page - Apacer Technology Inc.

Part # ST170-25
Description  SSD (Solid-State Disk)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APACER [Apacer Technology Inc.]
Direct Link  https://www.apacer.com/
Logo APACER - Apacer Technology Inc.

ST170-25 Datasheet(HTML) 2 Page - Apacer Technology Inc.

  ST170-25 Datasheet HTML 1Page - Apacer Technology Inc. ST170-25 Datasheet HTML 2Page - Apacer Technology Inc. ST170-25 Datasheet HTML 3Page - Apacer Technology Inc. ST170-25 Datasheet HTML 4Page - Apacer Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ST170-25
Overview
‧ Support LDPC ECC
‧ Global Wear Leveling technology
‧ Flash Bad-block Management
‧ S.M.A.R.T. and SSDWidget support
‧ Power Failure Management
‧ End-to-End Data Protection
‧ TRIM Support
‧ Mechanical design available in 7mm height
Apacer's ST170-25 is a well-balanced solid-state disk (SSD) drive
with standard form factor and great performance. Designed in
SATA 6.0 Gbps interface, the SSD is able to deliver exceptional
read/write speed, making it the ideal companion for heavy-
loading industrial or server operations.
ST170-25 utilizes 3D NAND for higher capacity up to 960GB and
provides more power efficiency than 2D NAND. It is suitable for
Embedded, POS, KIOSK and IPC applications to optimize its
operating conditions featuring in high-speed, stability and power
savings.
Feature



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com