Electronic Components Datasheet Search
  English  ▼

X  

SP010 Datasheet(PDF) 1 Page - ABB

Part # SP010
Description  15MM SPIKE (BS970-080M40)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

SP010 Datasheet(HTML) 1 Page - ABB

  SP010 Datasheet HTML 1Page - ABB SP010 Datasheet HTML 2Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
15MM SPIKE (BS970-080M40)
SP010
Extended Product Type
SP010
Product ID
7TCA083160R0048
EAN
5414363082477
Catalog Description
15MM SPIKE (BS970-080M40)
Long Description
15mm Hardened Steel Spike for Copper/Stainless Steel Rod
General Information
PRODUCT-DETAILS
Ordering
5414363082477
EAN
Dimensions
.04 lb
18.141 g
Product Net Weight
Container Information
1 piece
Package Level 1 Units
25 piece
Package Level 2 Units
Additional Information


Similar Part No. - SP010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP0102BE3 ETC1-SP0102BE3 Datasheet
385Kb / 10P
Zero Height SiSonicTM Microphone Specification
logo
Knowles Electronics
SP0102BE3 KNOWLES-SP0102BE3 Datasheet
885Kb / 10P
Zero Height Surface Mount Silicon Microphone
logo
List of Unclassifed Man...
SP0102N ETC2-SP0102N Datasheet
261Kb / 4P
surface mounted via standard solder reflow equipment
SP0102NC3-2 ETC2-SP0102NC3-2 Datasheet
261Kb / 4P
surface mounted via standard solder reflow equipment
SP0102NC3-3 ETC2-SP0102NC3-3 Datasheet
261Kb / 4P
surface mounted via standard solder reflow equipment
More results

Similar Description - SP010

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL9382 BELLING-BL9382 Datasheet
940Kb / 7P
18V (30V spike) 2A Synchronous Buck Converter
logo
List of Unclassifed Man...
GP1575154B02 ETC2-GP1575154B02 Datasheet
540Kb / 9P
15mm,15mm,4mm 1575mhz GPS Patch Antenna
JP-8099 ETC2-JP-8099 Datasheet
91Kb / 1P
Small Angled Nose Telecom Clip with Attached Single Spike
logo
Taoglas antenna solutio...
GP1575154B02 TAOGLAS-GP1575154B02 Datasheet
709Kb / 8P
15mm*15mm*4mm 1575mhz GPS/GALILEO Patch Antenna
logo
LUMEX INC.
SSB-LX1515SBW-A LUMEX-SSB-LX1515SBW-A Datasheet
68Kb / 1P
15mm X 15mm LIGHT BAR
SSB-LX1515SOD LUMEX-SSB-LX1515SOD Datasheet
51Kb / 1P
15mm X 15mm LIGHT BAR
SSB-LX1515SUGD LUMEX-SSB-LX1515SUGD Datasheet
51Kb / 1P
15mm X 15mm LIGHT BAR
SSB-LX1515SYD LUMEX-SSB-LX1515SYD Datasheet
51Kb / 1P
15mm X 15mm LIGHT BAR
SSB-LX1515USBD LUMEX-SSB-LX1515USBD Datasheet
51Kb / 1P
15mm X 15mm LIGHT BAR
logo
Alpha & Omega Semicondu...
AOK75B60D1 AOSMD-AOK75B60D1 Datasheet
819Kb / 9P
Minimal gate spike under high dV/dt
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com