Electronic Components Datasheet Search
  English  ▼

X  

MS200 Datasheet(PDF) 1 Page - Kingston Technology Far East Co. Ltd

Part # MS200
Description  Save space, time and money.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGSTON [Kingston Technology Far East Co. Ltd]
Direct Link  https://www.kingston.com/
Logo KINGSTON - Kingston Technology Far East Co. Ltd

MS200 Datasheet(HTML) 1 Page - Kingston Technology Far East Co. Ltd

  MS200 Datasheet HTML 1Page - Kingston Technology Far East Co. Ltd MS200 Datasheet HTML 2Page - Kingston Technology Far East Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
kingston.com/ssd
> Takes up to 8x less space than a standard
2.5-inch hard drive
> Great as a boot/cache drive
> Latest generation mSATA interface — SATA
Rev. 3.0 (6Gb/s)
Kingston’s SSDNow mS200 mSATA solid-state drive offers a cost-effective
performance boost with a dual-drive option that allows room for adding
high-capacity storage. Ideal for system builders, OEMs and enthusiasts, the
mS200’s ruggedly-cool, miniscule form factor is eight times smaller than a
traditional 2.5-inch hard drive, making it perfect for notebooks, tablets and
Ultrabooks. Available in capacities of up to 480GB, ms200 has a caseless, PCB-
only design with no moving parts and is backed by a three-year warranty,
free technical support and legendary Kingston® reliability.
Save space, time and money.
Features/specs on reverse >>
mS200 SSD
SSDNow mS200 is great for:
• Small, purpose-built industrial systems
• Replacing compact Flash-based solutions
• Media centre PCs with limited drive bays
• Cost-effective boot drive for system
builders
• Notebook upgrades (with mSATA port)
• Notebook dual-drive configurations
(mSATA SSD + HDD)


Similar Part No. - MS200

ManufacturerPart #DatasheetDescription
logo
Lorlin Electronics Ltd.
MS2000 LORLIN-MS2000 Datasheet
329Kb / 2P
MS2000 MAINS ROTARY SWITCH MODULE
logo
Sensata Technologies, I...
MS2000 SENSATA-MS2000 Datasheet
173Kb / 3P
PURE SINE WAVE DESIGNED FOR DEMANDING APPLICATIONS
Rev: 07/20/19
logo
Glenair, Inc.
MS20026 GLENAIR-MS20026 Datasheet
60Kb / 1P
Military Standard Connector Index
MS20027 GLENAIR-MS20027 Datasheet
60Kb / 1P
Military Standard Connector Index
MS20028 GLENAIR-MS20028 Datasheet
60Kb / 1P
Military Standard Connector Index
More results

Similar Description - MS200

ManufacturerPart #DatasheetDescription
logo
Winbond
W91510N WINBOND-W91510N Datasheet
191Kb / 16P
TONE/PULSE DIALER WITH HANDFREE AND SAVE FUNCTION
logo
ams AG
AS3588A AMSCO-AS3588A Datasheet
98Kb / 15P
DIGITAL TIME/SPACE CROSSPOINT SWITCH
logo
Maxim Integrated Produc...
MAX4822 MAXIM-MAX4822 Datasheet
710Kb / 19P
3.3V/5V, 8-Channel Relay Drivers with Fast Recovery Time and Power-Save Mode
Rev 0; 8/05
logo
Micro Commercial Compon...
SK310A-TP MCC-SK310A-TP Datasheet
272Kb / 4P
Can Be Up To 50% Smaller Than The SMC To Save Precious Board Space
logo
Bourns Electronic Solut...
MF-FSMF050X-2 BOURNS-MF-FSMF050X-2 Datasheet
264Kb / 4P
Compact design to save board space - 0603 footprint
logo
List of Unclassifed Man...
45111 ETC2-45111 Datasheet
1Mb / 184P
14-DAY MONEY BACK GUARANTEE
logo
BetLux Electronics
TLL-E12S-061 BETLUX-TLL-E12S-061 Datasheet
40Kb / 1P
Save-Lamp
REV NO: V. 1
logo
Integrated Circuit Syst...
9DBV0431 ICST-9DBV0431 Datasheet
213Kb / 17P
LP-HCSL outputs save 8 resistors; minimal board space and BOM cost
REVISION C 11/26/14
logo
Bothhand USA, LP.
KLU4S041C-LF BOTHHAND-KLU4S041C-LF Datasheet
240Kb / 2P
Size same as RJ-45 connector to save PCB board space
logo
New Jersey Semi-Conduct...
DS17-08A NJSEMI-DS17-08A Datasheet
80Kb / 1P
Space and weight savings
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com