Electronic Components Datasheet Search
  English  ▼

X  

IM5132 Datasheet(PDF) 2 Page - ifm electronic Ltd.

Part # IM5132
Description  Inductive sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IFM [ifm electronic Ltd.]
Direct Link  https://www.ifm.com/
Logo IFM - ifm electronic Ltd.

IM5132 Datasheet(HTML) 2 Page - ifm electronic Ltd.

  IM5132 Datasheet HTML 1Page - ifm electronic Ltd. IM5132 Datasheet HTML 2Page - ifm electronic Ltd. IM5132 Datasheet HTML 3Page - ifm electronic Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
IM5132
Inductive sensor
IMC4020BCPKG/K1/US-100-DPA
ifm efector, inc. • 1100 Atwater Drive • Malvern • PA 19355 — We reserve the right to make technical alterations without prior notice. — EN-US — IM5132-00 — 03.08.2007 —
Outputs
Electrical design
PNP
Output function
complementary
Max. voltage drop switching
output DC
[V]
2.5
Max. leakage current
[mA]
0.1
Permanent current rating of
switching output DC
[mA]
200
Switching frequency DC
[Hz]
200
Short-circuit protection
yes
Type of short-circuit
protection
yes (non-latching)
Overload protection
yes
Monitoring range
Sensing range
[mm]
20
Real sensing range Sr
[mm]
20 ± 10 %
Operating distance
[mm]
0...16.2
Accuracy / deviations
Correction factor
steel: 1 / stainless steel: 1 / brass: 1 / aluminum: 1 / copper: 1
Hysteresis
[% of Sr]
1...20
Switch-point drift
[% of Sr]
-10...10
Correction factor = 1
yes
Operating conditions
Ambient temperature
[°C]
-25...70
Protection
IP 67
Tests / approvals
EMC
EN 61000-4-2 ESD
8 kV CD / 6 kV AD
EN 61000-4-3 HF radiated
10 V/m
EN 61000-4-4 Burst
2 kV
EN 61000-4-5 Surge
0,5 kV line to line, Ri: 2 Ohm
EN 61000-4-6 HF conducted
10 V
EN 55011
class B
MTTF
[years]
975
UL approval
Ta
-25...70 °C
Enclosure type
Type 1
voltage supply
Class 2
File number UL
E174191
Mechanical data
Weight
[g]
141.5
Housing
rectangular
Sensing face
5 positions selectable
Mounting
flush mountable
Dimensions
[mm]
40 x 40 x 54
Material
housing: PA; connector thread: stainless steel



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com