Electronic Components Datasheet Search
  English  ▼

X  

IQ2010 Datasheet(PDF) 2 Page - ifm electronic Ltd.

Part # IQ2010
Description  Inductive sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IFM [ifm electronic Ltd.]
Direct Link  https://www.ifm.com/
Logo IFM - ifm electronic Ltd.

IQ2010 Datasheet(HTML) 2 Page - ifm electronic Ltd.

  IQ2010 Datasheet HTML 1Page - ifm electronic Ltd. IQ2010 Datasheet HTML 2Page - ifm electronic Ltd. IQ2010 Datasheet HTML 3Page - ifm electronic Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
IQ2010
Inductive sensor
IQ23008BBPKG/K1/2M/PUR
ifm efector, inc. • 1100 Atwater Drive • Malvern • PA 19355 — We reserve the right to make technical alterations without prior notice. — EN-US — IQ2010-00 — 25.09.2019 —
Monitoring range
Sensing range
[mm]
8
Real sensing range Sr
[mm]
8 ± 10 %
Operating distance
[mm]
0...6.48
Increased sensing range
yes
Accuracy / deviations
Correction factor
steel: 1 / stainless steel: 1 / brass: 1 / aluminum: 1 / copper: 1
Hysteresis
[% of Sr]
3...15
Switch-point drift
[% of Sr]
-10...10
Operating conditions
Ambient temperature
[°C]
-40...85
Protection
IP 65; IP 66; IP 67; IP 68
Tests / approvals
EMC
EN 61000-4-2 ESD
4 kV CD / 8 kV AD
EN 61000-4-3 HF radiated
10 V/m
EN 61000-4-4 Burst
2 kV
EN 61000-4-6 HF conducted
10 V
EN 55011
class B
Vibration resistance
EN 60068-2-6 Fc
20 g (10...3000 Hz) / 50 sweep cycles per
frequency; 1 octave per minute in 3 axes
Shock resistance
EN 60068-2-27 Ea
100 g 11 ms half-sine; 3 shocks each in
every direction of the 3 coordinate axes
Continuous shock resistance
EN 60068-2-27
40 g 6 ms; 4000 shocks each in every
direction of the 3 coordinate axes
Fast temperature changes
EN 60068-2-14 Na
TA = -40°C; TB = 85°C; t1 =
30 min; t2 = < 10 s 50 cycles
MTTF
[years]
1084
UL approval
Ta
-40...60 °C
Enclosure type
Type 1
voltage supply
Limited Voltage/Current
UL approval number
A021
File number UL
E174191
Mechanical data
Weight
[K40]
78.3
Housing
rectangular
Mounting
flush mountable
Dimensions
[mm]
20 x 8 x 32
Material
diecast zinc special coating; sensing face: LCP
natural; LED window: TPU (urethane); potting: PUR
Drag chain suitability
yes
Drag chain suitability
Bending radius for flexible applications
min. 10 x cable diameter
Bending cycles
> 5 Mio.
Displays / operating elements
Display
Display operation
1 x LED, green
Switching status
1 x LED, yellow



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com