Electronic Components Datasheet Search
  English  ▼

X  

IQ2011 Datasheet(PDF) 1 Page - ifm electronic Ltd.

Part # IQ2011
Description  Inductive sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IFM [ifm electronic Ltd.]
Direct Link  https://www.ifm.com/
Logo IFM - ifm electronic Ltd.

IQ2011 Datasheet(HTML) 1 Page - ifm electronic Ltd.

  IQ2011 Datasheet HTML 1Page - ifm electronic Ltd. IQ2011 Datasheet HTML 2Page - ifm electronic Ltd. IQ2011 Datasheet HTML 3Page - ifm electronic Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
IQ2011
Inductive sensor
IQ23008BAPKG/K1/2M/PUR
ifm efector, inc. • 1100 Atwater Drive • Malvern • PA 19355 — We reserve the right to make technical alterations without prior notice. — EN-US — IQ2011-00 — 25.09.2019 —
1
LED green
2
LED yellow
Product characteristics
Electrical design
PNP
Output function
normally closed
Sensing range
[mm]
8
Housing
rectangular
Dimensions
[mm]
20 x 8 x 32
Application
System
Drag chain suitability; Increased sensing range
Electrical data
Operating voltage
[V]
10...30 DC
Current consumption
[mA]
< 20
Protection class
III
Reverse polarity protection
yes
Outputs
Electrical design
PNP
Output function
normally closed
Max. voltage drop switching
output DC
[V]
2.5
Permanent current rating of
switching output DC
[mA]
100
Switching frequency DC
[Hz]
2000
Short-circuit protection
yes
Overload protection
yes


Similar Part No. - IQ2011

ManufacturerPart #DatasheetDescription
logo
ifm electronic Ltd.
IQ2010 IFM-IQ2010 Datasheet
267Kb / 3P
Inductive sensor
IQ2012 IFM-IQ2012 Datasheet
271Kb / 3P
Inductive sensor
IQ2013 IFM-IQ2013 Datasheet
271Kb / 3P
Inductive sensor
IQ2014 IFM-IQ2014 Datasheet
268Kb / 3P
Inductive sensor
IQ2015 IFM-IQ2015 Datasheet
268Kb / 3P
Inductive sensor
More results

Similar Description - IQ2011

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
BI1.5U-EG08-RP6X-H1341 TURCK-BI1.5U-EG08-RP6X-H1341 Datasheet
377Kb / 3P
Inductive sensor
BI1-EG05K-AN6X-V1331 TURCK-BI1-EG05K-AN6X-V1331 Datasheet
199Kb / 2P
Inductive sensor
BI10-G28-AZ3 TURCK-BI10-G28-AZ3 Datasheet
185Kb / 2P
Inductive sensor
logo
Pepperl+Fuchs Inc.
NBB3-V3-Z4 PF-NBB3-V3-Z4 Datasheet
217Kb / 2P
Inductive sensor
NBB4-12GM75-US PF-NBB4-12GM75-US Datasheet
178Kb / 1P
Inductive sensor
NBB5-18GM40-Z0-V1 PF-NBB5-18GM40-Z0-V1 Datasheet
173Kb / 1P
Inductive sensor
NBB8-18GM50-E2 PF-NBB8-18GM50-E2 Datasheet
159Kb / 1P
Inductive sensor
NBB1-4GM22-E0 PF-NBB1-4GM22-E0 Datasheet
109Kb / 1P
Inductive sensor
NBB2-8GM25-E0-V3 PF-NBB2-8GM25-E0-V3 Datasheet
226Kb / 2P
Inductive sensor
NBB2-8GM25-E2-V3 PF-NBB2-8GM25-E2-V3 Datasheet
225Kb / 2P
Inductive sensor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com