Electronic Components Datasheet Search
  English  ▼

X  

MPS6523 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MPS6523
Description  Amplifier Transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPS6523 Datasheet(HTML) 2 Page - ON Semiconductor

  MPS6523 Datasheet HTML 1Page - ON Semiconductor MPS6523 Datasheet HTML 2Page - ON Semiconductor MPS6523 Datasheet HTML 3Page - ON Semiconductor MPS6523 Datasheet HTML 4Page - ON Semiconductor MPS6523 Datasheet HTML 5Page - ON Semiconductor MPS6523 Datasheet HTML 6Page - ON Semiconductor MPS6523 Datasheet HTML 7Page - ON Semiconductor MPS6523 Datasheet HTML 8Page - ON Semiconductor MPS6523 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
NPN MPS6521 PNP MPS6523
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS
DC Current Gain
(IC = 100 mAdc, VCE = 10 Vdc)
MPS6521
(IC = 2.0 mAdc, VCE = 10 Vdc)
MPS6521
(IC = 100 mAdc, VCE = 10 Vdc)
MPS6523
(IC = 2.0 mAdc, VCE = 10 Vdc)
MPS6523
hFE
150
300
150
300
—
600
—
600
—
Collector – Emitter Saturation Voltage
(IC = 50 mAdc, IB = 5.0 mAdc)
VCE(sat)
—
0.5
Vdc
SMALL– SIGNAL CHARACTERISTICS
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 1.0 MHz)
Cobo
—
3.5
pF
Noise Figure
(IC = 10 mAdc, VCE = 5.0 Vdc, RS = 10 k Ω,
Power Bandwidth = 15.7 kHz, 3.0 dB points @ 10 Hz and 10 kHz)
NF
—
3.0
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com