Electronic Components Datasheet Search
  English  ▼

X  

MPS6601 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MPS6601
Description  Amplifier Transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPS6601 Datasheet(HTML) 2 Page - ON Semiconductor

  MPS6601 Datasheet HTML 1Page - ON Semiconductor MPS6601 Datasheet HTML 2Page - ON Semiconductor MPS6601 Datasheet HTML 3Page - ON Semiconductor MPS6601 Datasheet HTML 4Page - ON Semiconductor MPS6601 Datasheet HTML 5Page - ON Semiconductor MPS6601 Datasheet HTML 6Page - ON Semiconductor MPS6601 Datasheet HTML 7Page - ON Semiconductor MPS6601 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MPS6601, MPS6602 (NPN) MPS6651, MPS6652 (PNP)
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector −Emitter Breakdown Voltage
(IC = 1.0 mAdc, IB = 0)
MPS6601/6651
MPS6602/6652
V(BR)CEO
25
40
−
−
Vdc
Collector −Base Breakdown Voltage
(IC = 100 mAdc, IE = 0)
MPS6601/6651
MPS6602/6652
V(BR)CBO
25
40
−
−
Vdc
Emitter −Base Breakdown Voltage
(IE = 10 mAdc, IC = 0)
V(BR)EBO
4.0
−
Vdc
Collector Cutoff Current
(VCE = 25 Vdc, IB = 0)
MPS6601/6651
(VCE = 30 Vdc, IB = 0)
MPS6602/6652
ICES
−
−
0.1
0.1
mAdc
Collector Cutoff Current
(VCB = 25 Vdc, IE = 0)
MPS6601/6651
(VCB = 30 Vdc, IE = 0)
MPS6602/6652
ICBO
−
−
0.1
0.1
mAdc
ON CHARACTERISTICS
DC Current Gain
(IC = 100 mAdc, VCE = 1.0 Vdc)
(IC = 500 mAdc, VCE = 1.0 Vdc)
(IC = 1000 mAdc, VCE = 1.0 Vdc)
hFE
50
50
30
−
−
−
−
Collector −Emitter Saturation Voltage
(IC = 1000 mAdc, IB = 100 mAdc)
VCE(sat)
−
0.6
Vdc
Base−Emitter On Voltage
(IC = 500 mAdc, VCE = 1.0 Vdc)
VBE(on)
−
1.2
Vdc
SMALL− SIGNAL CHARACTERISTICS
Current −Gain — Bandwidth Product
(IC = 50 mAdc, VCE = 10 Vdc, f = 100 MHz)
fT
100
−
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 1.0 MHz)
Cobo
−
30
pF
SWITCHING CHARACTERISTICS
Delay Time
(VCC = 40 Vdc, IC = 500 mAdc,
IB1 = 50 mAdc,
tp w 300 ns Duty Cycle)
td
−
25
ns
Rise Time
tr
−
30
ns
Storage Time
ts
−
250
ns
Fall Time
tf
−
50
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com