Electronic Components Datasheet Search
  English  ▼

X  

1104884 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1104884
Description  Extension module - PSR-M-EF3-SDI12-MAT-PI
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1104884 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1104884 Datasheet HTML 1Page - PHOENIX CONTACT 1104884 Datasheet HTML 2Page - PHOENIX CONTACT 1104884 Datasheet HTML 3Page - PHOENIX CONTACT 1104884 Datasheet HTML 4Page - PHOENIX CONTACT 1104884 Datasheet HTML 5Page - PHOENIX CONTACT 1104884 Datasheet HTML 6Page - PHOENIX CONTACT 1104884 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
https://www.phoenixcontact.com/us/products/1104884
09/25/2020   Page 2 / 7
Extension module - PSR-M-EF3-SDI12-MAT-PI - 1104884
Technical data
Dimensions
Width
22.61 mm
Height
107.74 mm
Depth
113.6 mm
Ambient conditions
Ambient temperature (operation)
-10 °C ... 55 °C (observe derating)
Ambient temperature (storage/transport)
-20 °C ... 85 °C
Max. permissible relative humidity (operation)
95 % (non-condensing)
Max. permissible humidity (storage/transport)
95 % (non-condensing)
Maximum altitude
≤ 2000 m (Above sea level)
Power supply
Designation
A1/A2
Rated control circuit supply voltage US
24 V DC -20 % / +20 % (external fuse, typically 4 A)
Rated control supply current IS
typ. 53 mA
Power consumption at US
typ. 1.27 W
Inrush current
< 2 A (Δt = 1.5 ms at Us)
Filter time
typ. 10 ms (at A1 in the event of voltage dips at Us)
Protective circuit
Serial protection against polarity reversal
Suppressor diode
Digital inputs
Input name
IN1, IN2, IN3, IN4, IN5, IN6, IN7, IN8, IN9, IN10, IN11, IN12
Description of the input
Safety-related digital inputs
IEC 61131-2 Type 2
Number of inputs
12
Input voltage range "0" signal
0 V DC ... 5 V DC
Input voltage range "1" signal
11 V DC ... 28.8 V DC
Input current range "0" signal
< 1 mA
Current consumption
typ. 7.5 mA (typically with US)
max. 9.5 mA (at a control voltage of 28.8 V DC)
Filter time
min. 3 ms ±2 ms (adjustable)
max. 250 ms ±2 ms (adjustable)
Test pulse rate ≥ 2x set filter time, min. Test pulse rate = 10 ms
Max. permissible overall conductor resistance
max. 1.2 kΩ (Input and reset circuit at US)
Cable length
max. 100 m (per input)
Protective circuit/component
Suppressor diode
Clock outputs



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com