Electronic Components Datasheet Search
  English  ▼

X  

1781997 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1781997
Description  Printed-circuit board connector - MC 1,5/10-GF-3,81 P26THRR72
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1781997 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1781997 Datasheet HTML 1Page - PHOENIX CONTACT 1781997 Datasheet HTML 2Page - PHOENIX CONTACT 1781997 Datasheet HTML 3Page - PHOENIX CONTACT 1781997 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/1781997
10/27/2014   Page 1 / 4
Printed-circuit board connector - MC 1,5/10-GF-3,81 P26
THRR72 - 1781997
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Header, Nominal current: 8 A, Rated voltage (III/2): 160 V, Number of positions: 10, Pitch: 3.81 mm, Color: black,
Contact surface: Tin, Assembly: SMD/THT/THR
Product Features
 Pitch: 3.81 mm
 Low-profile THR headers with a compact pitch
 Plug-in direction parallel to the PCB
 Delivery form: tape-on-reel packing according to IEC 60286-3 for automated mounting
 Use in SMT reflow processes
 
Key commercial data
Packing unit
1 pc
Minimum order quantity
380 pc
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Length
9.2 mm
Pitch
3.81 mm
Dimension a
34.29 mm
Pin dimensions
0,8 x 0,8 mm
Hole diameter
1.4 mm
General
Range of articles
MC 1,5/..-GF-THR
Insulating material group
IIIa


Similar Part No. - 1781997

ManufacturerPart #DatasheetDescription
logo
LEMO Connectors
178190 LEMO-178190 Datasheet
63Kb / 4P
S - Indoor Stepped Insert
178190 LEMO-178190 Datasheet
63Kb / 4P
S - Indoor Stepped Insert
178190 LEMO-178190 Datasheet
100Kb / 5P
S - Indoor Stepped Insert
178190 LEMO-178190 Datasheet
100Kb / 5P
S - Indoor Stepped Insert
178190 LEMO-178190 Datasheet
100Kb / 5P
S - Indoor Stepped Insert
More results

Similar Description - 1781997

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1827994 PHOENIX-1827994 Datasheet
177Kb / 10P
Printed-circuit board connector - MC 1,5/15-GF-3,81
1722244 PHOENIX-1722244 Datasheet
76Kb / 4P
Printed-circuit board connector - MC 1,5/10-GF-3,81 P26 THR
1782213 PHOENIX-1782213 Datasheet
72Kb / 4P
Printed-circuit board connector - MC 1,5/10-GF-3,81 P14THRR72
1781984 PHOENIX-1781984 Datasheet
72Kb / 4P
Printed-circuit board connector - MC 1,5/ 9-GF-3,81 P26THRR72
1782006 PHOENIX-1782006 Datasheet
72Kb / 4P
Printed-circuit board connector - MC 1,5/11-GF-3,81 P26THRR72
1782019 PHOENIX-1782019 Datasheet
72Kb / 4P
Printed-circuit board connector - MC 1,5/12-GF-3,81 P26THRR72
1781887 PHOENIX-1781887 Datasheet
76Kb / 4P
Printed-circuit board connector - MC 1,5/10-GF-3,81 P14 THR
1817880 PHOENIX-1817880 Datasheet
100Kb / 4P
Printed-circuit board connector - MC 1,5/10-GF-3,81-LR
1848410 PHOENIX-1848410 Datasheet
153Kb / 10P
Printed-circuit board connector - MC 1,5/17-GF-3,81
09/12/2020
1848423 PHOENIX-1848423 Datasheet
153Kb / 10P
Printed-circuit board connector - MC 1,5/18-GF-3,81
09/11/2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com