Electronic Components Datasheet Search
  English  ▼

X  

24253 Datasheet(PDF) 1 Page - Vicor Corporation

Part # 24253
Description  CAP, SOLID TANTALUM, 120 uF-20%, 20V
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

24253 Datasheet(HTML) 1 Page - Vicor Corporation

  24253 Datasheet HTML 1Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 24253

ManufacturerPart #DatasheetDescription
logo
Yantel Corporation
2425 YANTEL-2425 Datasheet
75Kb / 2P
Variable RF Inductor
logo
Heyco.
2425 HEYCO-2425 Datasheet
106Kb / 1P
Snap Bushings
logo
Vicor Corporation
24252 VICOR-24252 Datasheet
60Kb / 1P
CAP, SOLID TANTALUM, 270 uF- 20%, 10V
24252-2 VICOR-24252-2 Datasheet
60Kb / 1P
CAP, SOLID TANTALUM, 270 uF- 20%, 10V
24254 VICOR-24254 Datasheet
60Kb / 1P
CAP, SOLID TANTALUM, 68 uF -20%, 30V
More results

Similar Description - 24253

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
20641 VICOR-20641 Datasheet
23Kb / 1P
CAP., SOLID TANTALUM 10uF, 20%, 25V
24252 VICOR-24252 Datasheet
60Kb / 1P
CAP, SOLID TANTALUM, 270 uF- 20%, 10V
24254 VICOR-24254 Datasheet
60Kb / 1P
CAP, SOLID TANTALUM, 68 uF -20%, 30V
24255 VICOR-24255 Datasheet
60Kb / 1P
CAP, SOLID TANTALUM, 27 uF, -20%, 50V
logo
Kemet Corporation
T350B475M016AT KEMET-T350B475M016AT Datasheet
75Kb / 1P
T350, Tantalum, MnO2 Tantalum, Commercial Grade, 4.7 uF, 20%, 16 V, Radial, Solid Tantalum, Conformal, Dipped, Lead Spacing = 2.54mm
T356M107K020AT KEMET-T356M107K020AT Datasheet
76Kb / 1P
Tantalum, MnO2 Tantalum, Commercial Grade, T356, 100 uF, 10%, 20 V, Radial, Solid Tantalum, Conformal, Dipped, Lead Spacing = 5.08mm
T350C225M035AT KEMET-T350C225M035AT Datasheet
74Kb / 1P
Tantalum, MnO2 Tantalum, Commercial Grade, T350, 2.2 uF, 20%, 35 V, Radial, Solid Tantalum, Conformal, Dipped, Lead Spacing= 2.54mm
T350C225M035AT7301 KEMET-T350C225M035AT7301 Datasheet
75Kb / 1P
Tantalum, MnO2 Tantalum, Commercial Grade, T350, 2.2 uF, 20%, 35 V, Radial, Solid Tantalum, Conformal, Dipped, Lead Spacing= 2.54mm
T350E106K020AT KEMET-T350E106K020AT Datasheet
75Kb / 1P
Tantalum, MnO2 Tantalum, Commercial Grade, T350, 10 uF, 10%, 20 V, Radial, Solid Tantalum, Conformal, Dipped, Lead Spacing = 2.54mm
T356K226M035AT KEMET-T356K226M035AT Datasheet
80Kb / 1P
T356, Tantalum, MnO2 Tantalum, Commercial Grade, 22 uF, 20%, 35 VDC, Radial, Solid Tantalum, Conformal, Dipped, Lead Spacing = 5.08mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com