Electronic Components Datasheet Search
  English  ▼

X  

MPS6652 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MPS6652
Description  Amplifier Transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPS6652 Datasheet(HTML) 4 Page - ON Semiconductor

  MPS6652 Datasheet HTML 1Page - ON Semiconductor MPS6652 Datasheet HTML 2Page - ON Semiconductor MPS6652 Datasheet HTML 3Page - ON Semiconductor MPS6652 Datasheet HTML 4Page - ON Semiconductor MPS6652 Datasheet HTML 5Page - ON Semiconductor MPS6652 Datasheet HTML 6Page - ON Semiconductor MPS6652 Datasheet HTML 7Page - ON Semiconductor MPS6652 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MPS6601, MPS6602 (NPN) MPS6651, MPS6652 (PNP)
http://onsemi.com
4
Figure 3. MPS6601/6602 DC Current Gain
Figure 4. MPS6651/6652 DC Current Gain
Figure 5. Current Gain Bandwidth Product
Figure 6. Current Gain Bandwidth Product
Figure 7. On Voltages
Figure 8. On Voltages
100
1000
10
IC, COLLECTOR CURRENT (mA)
300
200
100
70
50
30
IC, COLLECTOR CURRENT (mA)
−100
−1000
−10
200
100
70
50
20
100
1000
10
IC, COLLECTOR CURRENT (mA)
300
200
100
70
50
30
IC, COLLECTOR CURRENT (mA)
−100
−1000
−10
300
200
100
70
50
30
−200
200
10
1000
1.0
IC, COLLECTOR CURRENT (mA)
1.0
0.8
0.6
0.4
0.2
0
IC, COLLECTOR CURRENT (mA)
−10
−1000
−1.0
−1.0
−0.8
−0.6
−0.4
−0.2
0
−100
100
TJ = 25°C
TJ = 25°C
VCE = 1.0 V
TJ = 25°C
VCE = −1.0 V
TJ = 25°C
VCE = 10 V
TJ = 25°C
f = 30 MHz
VCE = −10 V
TJ = 25°C
f = 30 MHz
NPN
PNP
VBE(SAT) @ IC/IB = 10
VCE(SAT) @ IC/IB = 10
VBE(ON) @ VCE = 1.0 V
VBE(SAT) @ IC/IB = 10
VCE(SAT) @ IC/IB = 10
VBE(ON) @ VCE = −1.0 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com