Electronic Components Datasheet Search
  English  ▼

X  

PLT01 Datasheet(PDF) 6 Page - SJM Prewell. All Rights Reserved.

Part # PLT01
Description  Gain Block
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SJM [SJM Prewell. All Rights Reserved.]
Direct Link  http://www.prewell.com/
Logo SJM - SJM Prewell. All Rights Reserved.

PLT01 Datasheet(HTML) 6 Page - SJM Prewell. All Rights Reserved.

  PLT01 Datasheet HTML 1Page - SJM Prewell. All Rights Reserved. PLT01 Datasheet HTML 2Page - SJM Prewell. All Rights Reserved. PLT01 Datasheet HTML 3Page - SJM Prewell. All Rights Reserved. PLT01 Datasheet HTML 4Page - SJM Prewell. All Rights Reserved. PLT01 Datasheet HTML 5Page - SJM Prewell. All Rights Reserved. PLT01 Datasheet HTML 6Page - SJM Prewell. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
http://www.prewell.com
6
Gain Block
SJM PREWELL
PLT01
Products and product information are subject to change without notice. Version 16
Mounting Instructions
1 Use a large ground pad area with many plated through-holes as shown.
2 We recommend 1 oz copper minimum.
3 Measurement for our data sheet was made on 0.8mm thick FR-4 Board.
4 RF trace width depends on the board material and construction.
5 Add mounting screws near the part to fasten the board to a heatsink.
6 Add as much copper as possible to inner and outer layers near the part to ensure optimal thermal performance.
Lead-free /RoHS Compliant / Green SOT-363 Package Outline
Land Pattern
Evaluation Board Layout (40x40)
Package
Outline
f .23
Plated Thru
Ground Vias
0.8
(0.032)
2.08 (0.0832)
0.8
(0.032)
0.94 (0.0376)
3.38 (0.1352)
2.68
(0.1072)
1.3 (0.052)
0.38
(0.0152)
REF.
DIMENSIONS (mm)
Min.
Max.
E
1.15
1.35
D
1.85
2.25
HE
2.00
2.30
A
0.80
1.00
A2
0.80
0.91
A1
0.00
0.09
e
0.65 BSC
b
0.15
0.30
c
0.08
0.25
L
0.21
0.41



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com