Electronic Components Datasheet Search
  English  ▼

X  

PM210 Datasheet(PDF) 2 Page - SJM Prewell. All Rights Reserved.

Part # PM210
Description  Ultra-linear Mixer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SJM [SJM Prewell. All Rights Reserved.]
Direct Link  http://www.prewell.com/
Logo SJM - SJM Prewell. All Rights Reserved.

PM210 Datasheet(HTML) 2 Page - SJM Prewell. All Rights Reserved.

  PM210 Datasheet HTML 1Page - SJM Prewell. All Rights Reserved. PM210 Datasheet HTML 2Page - SJM Prewell. All Rights Reserved. PM210 Datasheet HTML 3Page - SJM Prewell. All Rights Reserved. PM210 Datasheet HTML 4Page - SJM Prewell. All Rights Reserved. PM210 Datasheet HTML 5Page - SJM Prewell. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
http://www.prewell.com
2
Ultra-linear Mixer
SJM PREWELL
PM210
Products and product information are subject to change without notice. Version 10
Preliminary
1
2
3
6
5
4
C2
L2
Out/In
If
Vdd
GND
In/Out
RF
L3
C3
LO In
LO
Input
In/Out
RF
Out/In
IF
L1
C1
C4
L4
Vdd
GND
R_bias
+
Tantal
T1
Applications Information Test circuit / application example
RF_850MHz / LO_740MHz / IF_110MHz_Application Circuit
External components for cellular frequencies
Capacitors
Value
Inductors
Value
C1
3.9pF
L1
8.2nH
C2
3.3pF
L2
8.2nH
C3
33pF
L3
6.8nH
C4
33pF
L4
22nH
R_Bias
0
Ω (Vdd=3V)
T1(Tantal)
10uF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com