Electronic Components Datasheet Search
  English  ▼

X  

MPS8098 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MPS8098
Description  Amplifier Transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPS8098 Datasheet(HTML) 2 Page - ON Semiconductor

  MPS8098 Datasheet HTML 1Page - ON Semiconductor MPS8098 Datasheet HTML 2Page - ON Semiconductor MPS8098 Datasheet HTML 3Page - ON Semiconductor MPS8098 Datasheet HTML 4Page - ON Semiconductor MPS8098 Datasheet HTML 5Page - ON Semiconductor MPS8098 Datasheet HTML 6Page - ON Semiconductor MPS8098 Datasheet HTML 7Page - ON Semiconductor MPS8098 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NPN MPS8098 MPS8099 PNP MPS8598 MPS8599
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage(1)
(IC = 10 mAdc, IB = 0)
MPS8098, MPS8598
MPS8099, MPS8599
V(BR)CEO
60
80
—
—
Vdc
Collector–Base Breakdown Voltage
(IC = 100 µAdc, IE = 0)
MPS8098, MPS8598
MPS8099, MPS8599
V(BR)CBO
60
80
—
—
Vdc
Emitter–Base Breakdown Voltage
(IE = 10 µAdc, IC = 0)
MPS8098, MPS8099
MPS8598, MPS8599
V(BR)EBO
6.0
5.0
—
—
Vdc
Collector Cutoff Current
(VCE = 60 Vdc, IB = 0)
ICES
—
0.1
µAdc
Collector Cutoff Current
(VCB = 60 Vdc, IE = 0)
MPS8098, MPS8598
(VCB = 80 Vdc, IE = 0)
MPS8099, MPS8599
ICBO
—
—
0.1
0.1
µAdc
Emitter Cutoff Current
(VEB = 6.0 Vdc, IC = 0)
MPS8098, MPS8099
(VEB = 4.0 Vdc, IC = 0)
MPS8598, MPS8599
IEBO
—
—
0.1
0.1
µAdc
1. Pulse Test: Pulse Width
v 300 ms, Duty Cycle = 2.0%.
ON CHARACTERISTICS(1)
DC Current Gain
(IC = 1.0 mAdc, VCE = 5.0 Vdc)
(IC = 10 mAdc, VCE = 5.0 Vdc)
(IC = 100 mAdc, VCE = 5.0 Vdc)
hFE
100
100
75
300
—
—
—
Collector–Emitter Saturation Voltage
(IC = 100 mAdc, IB = 5.0 mAdc)
(IC = 100 mAdc, IB = 10 mAdc)
VCE(sat)
—
—
0.4
0.3
Vdc
Base–Emitter On Voltage
(IC = 1.0 mAdc, VCE = 5.0 Vdc)
MPS8098, MPS8598
(IC = 10 mAdc, VCE = 5.0 Vdc)
MPS8099, MPS8599
VBE(on)
0.5
0.6
0.7
0.8
Vdc
SMALL–SIGNAL CHARACTERISTICS
Current–Gain — Bandwidth Product
(IC = 10 mAdc, VCE = 5.0 Vdc, f = 100 MHz)
fT
150
—
MHz
Output Capacitance
(VCB = 5.0 Vdc, IE = 0, f = 1.0 MHz)
MPS8098, MPS8099
MPS8598, MPS8599
Cobo
—
—
6.0
8.0
pF
Input Capacitance
(VEB = 0.5 Vdc, IC = 0, f = 1.0 MHz)
MPS8098, MPS8099
MPS8598, MPS8599
Cibo
—
—
25
30
pF
1. Pulse Test: Pulse Width
v 300 ms, Duty Cycle = 2.0%.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com