Electronic Components Datasheet Search
  English  ▼

X  

CC2420/TR Datasheet(PDF) 42 Page - List of Unclassifed Manufacturers

Part # CC2420/TR
Description  2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CC2420/TR Datasheet(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button CC2420/TR Datasheet HTML 38Page - List of Unclassifed Manufacturers CC2420/TR Datasheet HTML 39Page - List of Unclassifed Manufacturers CC2420/TR Datasheet HTML 40Page - List of Unclassifed Manufacturers CC2420/TR Datasheet HTML 41Page - List of Unclassifed Manufacturers CC2420/TR Datasheet HTML 42Page - List of Unclassifed Manufacturers CC2420/TR Datasheet HTML 43Page - List of Unclassifed Manufacturers CC2420/TR Datasheet HTML 44Page - List of Unclassifed Manufacturers CC2420/TR Datasheet HTML 45Page - List of Unclassifed Manufacturers CC2420/TR Datasheet HTML 46Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 87 page
background image
SmartRF ® CC2420
Radio control state machine
CC2420 has a built-in state machine that is
used to switch between different operation
states (modes). The change of state is
done either by using command strobes or
by internal events such as SFD detected
in receive mode.
The radio control state machine states are
shown in Figure 24. The numbers in
brackets refer to the state number
readable in the FSMSTATE status register.
Reading the FSMSTATE status register is
primarily for test / debug purposes.
Before using the radio in either RX or TX
mode, the voltage regulator and crystal
oscillator must be turned on and become
stable. The voltage regulator and crystal
oscillator startup times are given in the
Electrical Specifications section on page
9.
The crystal oscillator is controlled by
accessing the SXOSCON
/ SXOSCOFF
command strobes. The XOSC16M_STABLE
bit in the status register returned during
address transfer indicates whether the
oscillator is running and stable or not (see
Table 5). This status register can be polled
when waiting for the oscillator to start.
For
test
purposes,
the
frequency
synthesizer (FS) can also be manually
calibrated and started by using the
STXCAL
command strobe register. This
will not start a transmission before a
STXON
command strobe is issued. This is
not shown in Figure 24.
Enabling transmission is done by issuing a
STXON
or STXONCCA command strobe.
Turning off RF can be accomplished by
using one of the SRFOFF or SXOSCOFF
command strobe registers.
After reset the
CC2420 is in Power Down
mode. All configuration registers can then
be programmed in order to make the chip
ready to operate at the correct frequency
and mode. Due to the very fast start-up
time,
CC2420 can remain in Power Down
until a transmission session is requested.
As also described in the 4-wire Serial
Configuration and Data Interface section
on page 25, the crystal oscillator must be
running (IDLE mode) in order to have
access to the RAM and FIFOs.
Chipcon AS SmartRF® CC2420 Preliminary Datasheet (rev 1.2), 2004-06-09
Page 42 of 87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com