Electronic Components Datasheet Search
  English  ▼

X  

CIL187 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CIL187
Description  Intended For Low Voltage, High Current Output Pair Application
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CIL187 Datasheet(HTML) 1 Page - Continental Device India Limited

  CIL187 Datasheet HTML 1Page - Continental Device India Limited CIL187 Datasheet HTML 2Page - Continental Device India Limited CIL187 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Continental Device India Limited
An IS/ISO 9002 and IECQ Certified Manufacturer
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
CIL 187
TO-92
Plastic Package
Intended For Low Voltage , High Current Output Pair Application
Complementary CIL 188
ABSOLUTE MAXIMUM RATINGS ( Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector Emitter Voltage (VBE =0)
VCES
25
V
Collector Emitter Voltage ( Open Base)
VCEO
15
V
Emitter Base Voltage ( Open Collector)
VEBO
5V
Collector Current
IC
700
mA
CollectorCurent ( Peak Value )
ICM
1A
Base Current
IB
100
mA
Base Current (Peak Value)
IBM
200
mA
Total Power Dissipation @ Ta=25ºC
PTA
625
mW
Operating And Storage Junction
Tj, Tstg
-55 to +150
ºC
Temperature Range
ELECTRICAL CHARACTERISTICS ( Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
UNIT
MIN
TYP
MAX
Collector Cut off Current
ICBO
VCB=25V, IE = 0
10
µA
VCB=25V, IE = 0
1mA
Tj= 150ºC
Emitter Cut off Current
IEBO
VEB=5V, IC = 0
10
µA
Base Cut on Voltage
VBE (on) IC =1A, VCE =1V
1V
Collector Emitter Saturation
VCE(sat) IC=1A,IB=100mA
0.5
V
Voltage
DC Current Gain
hFE
VCE=10V,IC=5mA
50
VCE=1V,IC=300mA
100
300
VCE=1V,IC=1A
40
DYNAMIC CHARACTERISTICS
Transition Frequency
fT
IC=10mA, VCE=2V
270
MHz
Collector Capacitance
Cc
CIL187
IE=0, VCB=5V,
10
pF
CIL188
f=1MHz
30
pF
VALUE
IS/ISO 9002
Lic# QSC/L- 000019.2
Continental Device India Limited
Data Sheet
Page 1 of 3


Similar Part No. - CIL187

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CIL1020 CDIL-CIL1020 Datasheet
229Kb / 2P
PNP/NPN COMPLEMENTARY PLANAR SILICON TRANSISTORS
CIL1020PNP CDIL-CIL1020PNP Datasheet
229Kb / 2P
PNP/NPN COMPLEMENTARY PLANAR SILICON TRANSISTORS
CIL1020Y CDIL-CIL1020Y Datasheet
90Kb / 2P
PNP COMPLEMENTARY PLANAR SILICON TRANSISTORS
CIL1020YBPL CDIL-CIL1020YBPL Datasheet
90Kb / 2P
PNP COMPLEMENTARY PLANAR SILICON TRANSISTORS
logo
List of Unclassifed Man...
CIL10J100KAC ETC1-CIL10J100KAC Datasheet
67Kb / 7P
It has ferrite and 100% Ag as internal conductors, the CIL Series has excellent Q characteristics and eliminate crosstalk.
More results

Similar Description - CIL187

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6642 SIPEX-SP6642 Datasheet
47Kb / 4P
Application Note:High Current Output
logo
Panasonic Semiconductor
2SB0790 PANASONIC-2SB0790 Datasheet
70Kb / 3P
For Low-Frequency Output Application
logo
STMicroelectronics
AN2871 STMICROELECTRONICS-AN2871 Datasheet
330Kb / 25P
This application note is intended for hardware designers
18-Sep-2013
AN3320 STMICROELECTRONICS-AN3320 Datasheet
382Kb / 29P
This application note is intended for system designers
22-Aug-2011
AN4080 STMICROELECTRONICS-AN4080 Datasheet
574Kb / 35P
This application note is intended for system designers
07-Nov-2014
AN4661 STMICROELECTRONICS-AN4661 Datasheet
703Kb / 33P
This application note is intended for system designers
24-Mar-2015
logo
XFMRS Inc.
XFSDR43 XFMRS-XFSDR43 Datasheet
54Kb / 1P
LOW PROFILE SMD TYPE FOR HIGH CURRENT APPLICATION
XFSDR54 XFMRS-XFSDR54 Datasheet
47Kb / 1P
LOW PROFILE SMD TYPE FOR HIGH CURRENT APPLICATION
XFSDR105 XFMRS-XFSDR105 Datasheet
50Kb / 1P
LOW PROFILE SMD TYPE FOR HIGH CURRENT APPLICATION
XF7445 XFMRS-XF7445 Datasheet
60Kb / 1P
LOW PROFILE SMD TYPE FOR HIGH CURRENT APPLICATION
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com