Electronic Components Datasheet Search
  English  ▼

X  

MPS3563 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MPS3563
Description  Amplifier Transistors(NPN Silicon)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPS3563 Datasheet(HTML) 2 Page - ON Semiconductor

  MPS3563 Datasheet HTML 1Page - ON Semiconductor MPS3563 Datasheet HTML 2Page - ON Semiconductor MPS3563 Datasheet HTML 3Page - ON Semiconductor MPS3563 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MPS918 MPS3563
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS
DC Current Gain(2)
(IC = 3.0 mAdc, VCE = 1.0 Vdc)
MPS918
(IC = 8.0 mAdc, VCE = 10 Vdc)
MPS3563
hFE
20
20
—
200
—
Collector – Emitter Saturation Voltage
(IC = 10 mAdc, IB = 1.0 mAdc)
MPS918
VCE(sat)
—
0.4
Vdc
Base – Emitter Saturation Voltage
(IC = 10 mAdc, IB = 1.0 mAdc)
MPS918
VBE(sat)
—
1.0
Vdc
SMALL– SIGNAL CHARACTERISTICS
Current – Gain — Bandwidth Product(2)
(IC = 4.0 mAdc, VCE = 10 Vdc, f = 100 MHz)
MPS918
(IC = 8.0 mAdc, VCE = 10 Vdc, f = 100 MHz)
MPS3563
fT
600
600
—
1500
MHz
Output Capacitance
(VCB = 0 Vdc, IE = 0, f = 1.0 MHz)
MPS918
(VCB = 10 Vdc, IE = 0, f = 1.0 MHz)
MPS918
(VCB = 10 Vdc, IE = 0, f = 1.0 MHz)
MPS3563
Cobo
—
—
—
3.0
1.7
1.7
pF
Input Capacitance
(VEB = 0.5 Vdc, IC = 0, f = 1.0 MHz)
MPS918
Cibo
—
2.0
pF
Small–Signal Current Gain
(IC = 8.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
MPS3563
hfe
20
250
—
Noise Figure
(IC = 1.0 mAdc, VCE = 6.0 Vdc, RS = 400 kΩ, f = 60 MHz)
MPS918
NF
—
6.0
dB
FUNCTIONAL TEST
Common–Emitter Amplifier Power Gain
(IC = 6.0 mAdc, VCB = 12 Vdc, f = 200 MHz)
MPS918
(IC = 8.0 mAdc, VCE = 10 Vdc, f = 200 MHz)
MPS3563
(Gfd + Gre t –20 dB)
Gpe
15
14
—
—
dB
Power Output
(IC = 8.0 mAdc, VCB = 15 Vdc, f = 500 MHz)
MPS918
Pout
30
—
mW
Oscillator Collector Efficiency
(IC = 8.0 mAdc, VCB = 15 Vdc, Pout = 30 mW, f = 500 MHz)
MPS918
η
25
—
%
2. Pulse Test: Pulse Width
v 300 ms; Duty Cycle v 1.0%.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com