Electronic Components Datasheet Search
  English  ▼

X  

MPS6601RLRAG Datasheet(PDF) 5 Page - ON Semiconductor

Part # MPS6601RLRAG
Description  Amplifier Transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPS6601RLRAG Datasheet(HTML) 5 Page - ON Semiconductor

  MPS6601RLRAG Datasheet HTML 1Page - ON Semiconductor MPS6601RLRAG Datasheet HTML 2Page - ON Semiconductor MPS6601RLRAG Datasheet HTML 3Page - ON Semiconductor MPS6601RLRAG Datasheet HTML 4Page - ON Semiconductor MPS6601RLRAG Datasheet HTML 5Page - ON Semiconductor MPS6601RLRAG Datasheet HTML 6Page - ON Semiconductor MPS6601RLRAG Datasheet HTML 7Page - ON Semiconductor MPS6601RLRAG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MPS6601, MPS6602 (NPN) MPS6651, MPS6652 (PNP)
http://onsemi.com
5
Figure 9. Capacitance
Figure 10. Capacitance
Figure 11. MPS6601/6602 Noise Figure
Figure 12. MPS6651/6652 Noise Figure
Figure 13. MPS6601/6602 Switching Times
Figure 14. MPS6651/6652 Switching Times
10
25
Cob
VR, REVERSE VOLTAGE (VOLTS)
80
60
40
20
0
VR, REVERSE VOLTAGE (VOLTS)
160
120
80
40
0
100
10 k
10
Rs, SOURCE RESISTANCE (OHMS)
10
8.0
6.0
4.0
2.0
0
Rs, SOURCE RESISTANCE (OHMS)
1 k
10
10
8.0
6.0
4.0
2.0
0
10 k
1 k
20
1000
10
IC, COLLECTOR CURRENT (mA)
200
100
50
20
10
IC, COLLECTOR CURRENT (mA)
−20
−1000
−10
500
200
100
50
20
10
−100
100
TJ = 25°C
VCE = −5.0 V
f = 1.0 kHz
TA = 25°C
NPN
PNP
5.0
15
20
2.0
5.0
Cib
1.0
3.0
4.0
−10
−25
Cob
−5.0
−15
−20
Cib
−2.0
−5.0
−1.0
−3.0
−4.0
TJ = 25°C
IC = 100 mA
100
VCE = 5.0 V
f = 1.0 kHz
TA = 25°C
IC = 100 mA
50
200
500
1 k
500
3 k
10 k
5 k
td @ VBE(off) = 0.5 V
VCC = 40 V
IC/IB = 10
IB1 = IB2
TJ = 25°C
ts
tf
tr
td
td @ VBE(off) = −0.5 V
VCC = −40 V
IC/IB = 10
IB1 = IB2
TJ = 25°C
ts
tf
tr
td
−50
−200
−500
1 k
3 k
5 k
10 k
Cib
Cob
Cib
Cob



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com