Electronic Components Datasheet Search
  English  ▼

X  

170902 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 170902
Description  Guided actuator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

170902 Datasheet(HTML) 1 Page - Festo Corporation.

  170902 Datasheet HTML 1Page - Festo Corporation. 170902 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Guided actuator
DFM-12-30-P-A-KF
Part number: 170902
Data sheet
Feature
Value
Distance of centre of gravity of payload to yoke plate xs
25 mm
Max. static moment Mx
7.28 Nm
Max. static moment My
3.2 Nm
Max. permissible torque load Mx as a function of the stroke
0.61 Nm
Max. force Fz static
355 N
Max. force Fy static
355 N
Center of gravity of the moving mass as a function of the stroke
18.3 mm
Max. static moment Mz
3.2 Nm
Max. force Fy
193 N
Max. force Fz
193 N
Max. torque My
1.74 Nm
Max. torque Mz
1.74 Nm
Stroke
30 mm
Piston diameter
12 mm
Type code
DFM
Drive unit operating mode
Yoke
Cushioning
Elastic cushioning rings/pads at both ends
Mounting position
Any
Guide
Recirculating ball bearing guide
Design
Guide
Position sensing
For proximity sensor
Symbol
00991737
Operating pressure
2 bar ... 10 bar
Max. speed
0.8 m/s
Mode of operation
Double-acting
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
0 - No corrosion stress
Ambient temperature
-5 °C ... 60 °C
Impact energy in the end positions
0.07 J
Max. torque Mx
3.95 Nm
Max. payload as a function of the stroke at defined distance xs
21 N
Theoretical force at 6 bar, retracting
51 N
Theoretical force at 6 bar, advancing
68 N
Moving mass
175 g
Product weight
397 g
10/20/20 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 170902

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1709021 PHOENIX-1709021 Datasheet
79Kb / 4P
Base strip - IPCV 5/11-GF-7,62
1709025 PHOENIX-1709025 Datasheet
404Kb / 13P
PCB terminal block - GKDS/E
Jan 5, 2023
More results

Similar Description - 170902

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
DFM-10-5-P-A-GF FESTO-DFM-10-5-P-A-GF Datasheet
92Kb / 1P
Guided actuator
DFM-10-20-P-A-GF FESTO-DFM-10-20-P-A-GF Datasheet
92Kb / 1P
Guided actuator
DFM-12-20-P-A-GF FESTO-DFM-12-20-P-A-GF Datasheet
93Kb / 1P
Guided actuator
DFM-12-80-P-A-KF FESTO-DFM-12-80-P-A-KF Datasheet
93Kb / 2P
Guided actuator
DFM-16-10-P-A-GF FESTO-DFM-16-10-P-A-GF Datasheet
93Kb / 1P
Guided actuator
DFM-16-25-P-A-GF FESTO-DFM-16-25-P-A-GF Datasheet
94Kb / 1P
Guided actuator
DFM-16-50-P-A-KF FESTO-DFM-16-50-P-A-KF Datasheet
95Kb / 2P
Guided actuator
DFM-16-100-P-A-GF FESTO-DFM-16-100-P-A-GF Datasheet
89Kb / 1P
Guided actuator
DFM-16-100-P-A-KF FESTO-DFM-16-100-P-A-KF Datasheet
91Kb / 2P
Guided actuator
DFM-100-50-P-A-GF FESTO-DFM-100-50-P-A-GF Datasheet
88Kb / 1P
Guided actuator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com