Electronic Components Datasheet Search
  English  ▼

X  

MPSA13 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MPSA13
Description  Darlington Transistors NPN Silicon
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPSA13 Datasheet(HTML) 3 Page - ON Semiconductor

  MPSA13 Datasheet HTML 1Page - ON Semiconductor MPSA13 Datasheet HTML 2Page - ON Semiconductor MPSA13 Datasheet HTML 3Page - ON Semiconductor MPSA13 Datasheet HTML 4Page - ON Semiconductor MPSA13 Datasheet HTML 5Page - ON Semiconductor MPSA13 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MPSA13, MPSA14
http://onsemi.com
3
RS
in
en
IDEAL
TRANSISTOR
Figure 1. Transistor Noise Model
NOISE CHARACTERISTICS
(VCE = 5.0 Vdc, TA = 25°C)
Figure 2. Noise Voltage
f, FREQUENCY (Hz)
50
100
200
500
20
Figure 3. Noise Current
f, FREQUENCY (Hz)
Figure 4. Total Wideband Noise Voltage
RS, SOURCE RESISTANCE (kW)
Figure 5. Wideband Noise Figure
RS, SOURCE RESISTANCE (kW)
5.0
50
70
100
200
30
10
20
1.0
10
10
20
50 100 200
500 1k 2k
5k 10k 20k
50k 100k
2.0
1.0
0.7
0.5
0.3
0.2
0.1
0.07
0.05
0.03
0.02
BANDWIDTH = 1.0 Hz
RS ≈ 0
IC = 1.0 mA
100 mA
10 mA
BANDWIDTH = 1.0 Hz
IC = 1.0 mA
100 mA
10 mA
2.0
5.0
10
20
50
100
200
500
1000
BANDWIDTH = 10 Hz TO 15.7 kHz
IC = 10 mA
100 mA
1.0 mA
8.0
10
12
14
6.0
0
4.0
1.0
2.0
5.0
10
20
50
100
200
500 1000
2.0
BANDWIDTH = 10 Hz TO 15.7 kHz
10 mA
100 mA
IC = 1.0 mA
10 20
50 100 200
500 1k 2k
5k 10k 20k
50k 100k



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com