Electronic Components Datasheet Search
  English  ▼

X  

ZA016SDMT7 Datasheet(PDF) 1 Page - Mallory Sonalert Products Inc

Part # ZA016SDMT7
Description  Recommended hole size is 22.5 mm. Thread front will fit standard 22.5mm hole
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSPI [Mallory Sonalert Products Inc]
Direct Link  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc

ZA016SDMT7 Datasheet(HTML) 1 Page - Mallory Sonalert Products Inc

  ZA016SDMT7 Datasheet HTML 1Page - Mallory Sonalert Products Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part #:
Revision:
PATENT NUMBER
9576442
4411 South High School Road, Indianapolis, Indiana 46241 U.S.A · Phone: (317) 612-1000 Fax: (317) 612-1010
www.mallory-sonalert.com
Options:
Please contact factory.
Dimensions:
Inches (mm)
cUL Recognized
ROHS Compliant
Weight (Typical):
28 g
NEMA 3R,4X, & 12:
Approved with use of included gasket.
cUL Recognition
cUL Recognized
Operating Temperature
-30° to +65° C
Panel Mounting:
Recommended hole size is 22.5 mm. Thread front will fit standard 22.5mm hole.
Knurled Nut:
Used to attach part to panel. The max recommended torque is 10 in-lbs.
Current Draw:
40mA MAX
Housing Material:
6/6 Nylon, Color: Black
Storage Temperature:
-40° to +80° C
Voltage Rating:
6 to 16 VDC
Frequency:
3900 ± 500 Hz
3900 ± 500 Hz
3900 ± 500 Hz
3.3 - 4kHz
Connection:
"+" to Positive, "-" to
Ground
"+" to Positive, "-" and "1"
to Ground
"+" to Positive, "-" and
"2" to Ground
"+" to Positive, "-", "1"
and "2" to Ground
65 to 75 dB(A) Typ.
65 to 75 dB(A) Typ.
65 to 75 dB(A) Typ.
65 to 75 dB(A) Typ.
Loudness @ 2 FT:
Fast Pulse @ 10 PPS
Siren Sweep 3.15 - 4
kHz @ 2 Sweeps per
Sec.
Specifications:
Mallory Sonalert Products,Inc.
ZA016SDMT7
Sales Outline Drawing
F
Soft
Soft
Sound Level Category:
Soft
Soft
Mode of Operation:
Continuous
Slow Pulse @ 1 PPS
1.710 [43.44]
1.210 [30.74]
M22 x 1.5 Thread
<0.86 Maj. Dia.
0.524 [13.31]
Gasket
Knurl nut


Similar Part No. - ZA016SDMT7

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
ZA016SDMT1 MSPI-ZA016SDMT1 Datasheet
133Kb / 1P
Recommended hole size is 22.5 mm. Thread front will fit standard 22.5mm hole.
ZA016SDMT2 MSPI-ZA016SDMT2 Datasheet
133Kb / 1P
Recommended hole size is 22.5 mm. Thread front will fit standard 22.5mm hole
ZA016SDMT3 MSPI-ZA016SDMT3 Datasheet
133Kb / 1P
Recommended hole size is 22.5 mm. Thread front will fit standard 22.5mm hole
ZA016SDMT4 MSPI-ZA016SDMT4 Datasheet
133Kb / 1P
Recommended hole size is 22.5 mm. Thread front will fit standard 22.5mm hole
ZA016SDMT5 MSPI-ZA016SDMT5 Datasheet
133Kb / 1P
Recommended hole size is 22.5 mm. Thread front will fit standard 22.5mm hole
More results

Similar Description - ZA016SDMT7

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
ZA016LDMT7 MSPI-ZA016LDMT7 Datasheet
133Kb / 1P
Recommended hole size is 22.5 mm. Thread front will fit standard 22.5mm hole
ZA016MDCM1 MSPI-ZA016MDCM1 Datasheet
131Kb / 1P
Recommended hole size is 22.5 mm. Thread front will fit standard 22.5mm hole
ZA016MDFP1 MSPI-ZA016MDFP1 Datasheet
131Kb / 1P
Recommended hole size is 22.5 mm. Thread front will fit standard 22.5mm hole
ZA016MDSR9 MSPI-ZA016MDSR9 Datasheet
131Kb / 1P
Recommended hole size is 22.5 mm. Thread front will fit standard 22.5mm hole
ZA016SDDL1 MSPI-ZA016SDDL1 Datasheet
131Kb / 1P
Recommended hole size is 22.5 mm. Thread front will fit standard 22.5mm hole
ZA016SDDT8 MSPI-ZA016SDDT8 Datasheet
131Kb / 1P
Recommended hole size is 22.5 mm. Thread front will fit standard 22.5mm hole
ZA016SDMP1 MSPI-ZA016SDMP1 Datasheet
131Kb / 1P
Recommended hole size is 22.5 mm. Thread front will fit standard 22.5mm hole
ZA016SDMT6 MSPI-ZA016SDMT6 Datasheet
133Kb / 1P
Recommended hole size is 22.5 mm. Thread front will fit standard 22.5mm hole.
ZA016SDSR8 MSPI-ZA016SDSR8 Datasheet
131Kb / 1P
Recommended hole size is 22.5 mm. Thread front will fit standard 22.5mm hole
ZA028LADP3 MSPI-ZA028LADP3 Datasheet
132Kb / 1P
Recommended hole size is 22.5 mm. Thread front will fit standard 22.5mm hole
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com