Electronic Components Datasheet Search
  English  ▼

X  

LT8610AB Datasheet(PDF) 2 Page - Analog Devices

Part # LT8610AB
Description  Dual Channel 2A, 42V, Synchronous Step-Down Silent Switcher 2 with 6.2關A Quiescent Current
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8610AB Datasheet(HTML) 2 Page - Analog Devices

  LT8610AB Datasheet HTML 1Page - Analog Devices LT8610AB Datasheet HTML 2Page - Analog Devices LT8610AB Datasheet HTML 3Page - Analog Devices LT8610AB Datasheet HTML 4Page - Analog Devices LT8610AB Datasheet HTML 5Page - Analog Devices LT8610AB Datasheet HTML 6Page - Analog Devices LT8610AB Datasheet HTML 7Page - Analog Devices LT8610AB Datasheet HTML 8Page - Analog Devices LT8610AB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
LT8653S
2
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN, EN/UV, PG1, PG2 ...............................................42V
BIAS..........................................................................30V
VC1, VC2, SS1, SS2, D0, D1 .......................................4V
FB1, FB2, SYNC...........................................................6V
Operating Junction Temperature Range (Note 2)
LT8653SE .............................................. –40 to 125°C
LT8653SI ............................................... –40 to 125°C
Storage Temperature Range ......................–65 to 150°C
Maximum Reflow (Package Body) Temperature ...260°C
(Note 1)
LQFN PACKAGE
20-LEAD (4mm × 3mm × 0.94mm)
TJMAX =125°C, θJA =28°C/W
EXPOSED PAD (PIN 21 IS GND, MUST BE SOLDERED TO PCB
21
GND
TOP VIEW
BIAS
VCC
SW2
SW1
10
9
8
7
RT
EN/UV
VIN
VIN
17
18
19
20
16 15 14 13 12 11
1
2
3
4
5
6
ORDER INFORMATION
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage
l
2.6
3
V
VIN Quiescent Current in Shutdown
VEN/UV = 0V, VSYNC = 0V
l
1.7
4
8
µA
µA
VIN + VCC Quiescent Current in Sleep
with Internal Compensation
VEN/UV = 2V, VFB1 = VFB2 > 0.8V, VVC1 = VVC2 = VCC, VSYNC = 0V
l
3.7
8
16
µA
µA
VIN + VCC Quiescent Current in Sleep
with External Compensation
VEN/UV = 2V, VFB1 = VFB2 > 0.8V, VVC1 = VVC2 = Float, VSYNC = 0V
l
95
160
180
µA
µA
VIN + VCC Quiescent Current
when Active
VEN/UV = 2V, VFB1 = VFB2 > 0.8V, VVC1 = VVC2 = VCC, VSYNC = 3.4V
7
9
mA
VIN Current In Regulation
VIN = 6V, VOUT = 0.8V, Output Load = 100µA
VIN = 6V, VOUT = 0.8V, Output Load = 1mA
45
350
80
500
µA
µA
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.
PART NUMBER
PAD OR BALL FINISH
PART MARKING*
PACKAGE**
TYPE
MSL
RATING
TEMPERATURE RANGE
(SEE NOTE 2)
DEVICE
FINISH CODE
LT8653SEV#PBF
Au (RoHS)
8653SV
e4
LQFN
(Laminate Package with
QFN Footprint)
3
–40°C to 125°C
LT8653SIV#PBF
3
–40°C to 125°C
AUTOMOTIVE PRODUCTS*
LT8653SEV#WPBF
Au (RoHS)
8653SV
e4
LQFN
(Laminate Package with
QFN Footprint)
3
–40°C to 125°C
LT8653SIV#WPBF
3
–40°C to 125°C
• Consult Marketing for parts specified with wider operating
temperature ranges.
• *Pad or ball finish code is per IPC/JEDEC J-STD-609.
• Recommended LGA and BGA PCB Assembly and Manufacturing Procedures
• LGA and BGA Package and Tray Drawings
**The LT8653S package has the same dimensions as a standard 4mm × 3mm
QFN package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com