Electronic Components Datasheet Search
  English  ▼

X  

NJU6397 Datasheet(PDF) 4 Page - New Japan Radio

Part # NJU6397
Description  3rd. Over Tone Quartz Crystal Oscillator for 135MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU6397 Datasheet(HTML) 4 Page - New Japan Radio

  NJU6397 Datasheet HTML 1Page - New Japan Radio NJU6397 Datasheet HTML 2Page - New Japan Radio NJU6397 Datasheet HTML 3Page - New Japan Radio NJU6397 Datasheet HTML 4Page - New Japan Radio NJU6397 Datasheet HTML 5Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2002/07/15 ( 4 / 5 )
NJU6397 Series
(VDD=3.3V,Ta=25
°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
A type, fosc=90MHz, CL=15pF
13
25
B type, fosc=110MHz, CL=15pF
13
25
Operating Current
IDD1
C type, fosc=135MHz, CL=15pF
18
35
mA
Oscillation Stopping
Current
IDD2
CONT=VSS, No load
10
uA
Stand-by Current
Ist
CONT=XT=VSS, No load
Note3)
1
uA
VIH
2.3
3.3
V
Input Voltage
VIL
0
1.0
V
IOH
VOH=2.97V
8
mA
Output Current
IOL
VOL=0.33V
8
mA
CONT=0.8VDD
10.0
15.0
uA
Input Current
IIN
CONT=0.2VDD
1.8
3.0
uA
3-state Off Leakage
Current
IOZ
CONT=VSS, FOUT= VDD or VSS
±0.1
uA
A type
3.8
B type
3.8
Feedback Resistance
Rf
C type
2.9
k
Ω
A type, fosc=90MHz
11/12
B type, fosc=110MHz
9/10
Internal Capacitor
Cg/Cd
C type, fosc=135MHz
8/9
pF
A type
90
B type
110
Maximum Oscillation
Frequency
FMAX
C type
135
MHz
Output Signal
Symmetry
SYM
CL=15pF, @VDD/2
45
50
55
%
Output Signal Rise
Time
tr
CL=15pF, 10% to 90%
2
3
ns
Output Signal Fall
Time
tf
CL=15pF, 90% to 10%
2
3
ns
Output Disable time
TPLZ
CL=15pF, RUP=10k
Ω
150
ns
Output Enable Time
TPZL
CL=15pF, RUP=10k
Ω
150
ns
Note3)
Excluding input current on CONT Terminal.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com