Electronic Components Datasheet Search
  English  ▼

X  

ZA028LACT Datasheet(PDF) 1 Page - Mallory Sonalert Products Inc

Part # ZA028LACT
Description  Recommended hole size is 22.5 mm. Thread front will fit standard 22.5mm hole
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSPI [Mallory Sonalert Products Inc]
Direct Link  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc

ZA028LACT Datasheet(HTML) 1 Page - Mallory Sonalert Products Inc

  ZA028LACT Datasheet HTML 1Page - Mallory Sonalert Products Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part #:
Revision:
ZA028LACT
D
Mallory Sonalert Products,Inc.
Sales Outline Drawing
Mode of Operation
Continuous
Specifications:
Approved with use of included gasket.
Weight (Typical)
Recommended hole size is 22.5 mm. Thread front will fit standard 22.5mm hole.
Current Draw
40mA MAX
Storage Temperature
Loud
Sound Level Category
16 to 28 VAC/DC
Voltage Rating
3900 ± 500 Hz
Housing Material
6/6 Nylon, Color: Black
Frequency
Loudness @ 2 FT
85 to 95 dB(A) Typ.
Knurled Nut
Options
Please contact factory.
NEMA 3R,4X, & 12
-30° to +65° C
-40° to +80° C
Used to attach part to panel. The max recommended torque is 10 in-lbs.
28 g
Operating Temperature
Panel Mounting
ROHS Compliant
4411 South High School Road, Indianapolis, Indiana 46241 U.S.A · Phone: (317) 612-1000 Fax: (317) 612-1010 ·
www.mallory-sonalert.com
Dimensions: Inches (mm)
cUL Recognized
1.210 [30.74]
M22 x 1.5 Thread
<0.86 Maj. Dia.
0.524 [13.31]
Gasket
Knurl nut
1.710 [43.44]


Similar Part No. - ZA028LACT

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
ZA028LACM1 MSPI-ZA028LACM1 Datasheet
132Kb / 1P
Recommended hole size is 22.5 mm. Thread front will fit standard 22.5mm hole
More results

Similar Description - ZA028LACT

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
ZA016LDMT7 MSPI-ZA016LDMT7 Datasheet
133Kb / 1P
Recommended hole size is 22.5 mm. Thread front will fit standard 22.5mm hole
ZA016MDCM1 MSPI-ZA016MDCM1 Datasheet
131Kb / 1P
Recommended hole size is 22.5 mm. Thread front will fit standard 22.5mm hole
ZA016MDFP1 MSPI-ZA016MDFP1 Datasheet
131Kb / 1P
Recommended hole size is 22.5 mm. Thread front will fit standard 22.5mm hole
ZA016MDSR9 MSPI-ZA016MDSR9 Datasheet
131Kb / 1P
Recommended hole size is 22.5 mm. Thread front will fit standard 22.5mm hole
ZA016SDDL1 MSPI-ZA016SDDL1 Datasheet
131Kb / 1P
Recommended hole size is 22.5 mm. Thread front will fit standard 22.5mm hole
ZA016SDDT8 MSPI-ZA016SDDT8 Datasheet
131Kb / 1P
Recommended hole size is 22.5 mm. Thread front will fit standard 22.5mm hole
ZA016SDMP1 MSPI-ZA016SDMP1 Datasheet
131Kb / 1P
Recommended hole size is 22.5 mm. Thread front will fit standard 22.5mm hole
ZA016SDMT6 MSPI-ZA016SDMT6 Datasheet
133Kb / 1P
Recommended hole size is 22.5 mm. Thread front will fit standard 22.5mm hole.
ZA016SDSR8 MSPI-ZA016SDSR8 Datasheet
131Kb / 1P
Recommended hole size is 22.5 mm. Thread front will fit standard 22.5mm hole
ZA028LADP3 MSPI-ZA028LADP3 Datasheet
132Kb / 1P
Recommended hole size is 22.5 mm. Thread front will fit standard 22.5mm hole
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com