Electronic Components Datasheet Search
  English  ▼

X  

SKD35 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # SKD35
Description  Power Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

SKD35 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  SKD35 Datasheet HTML 1Page - Inchange Semiconductor Company Limited SKD35 Datasheet HTML 2Page - Inchange Semiconductor Company Limited SKD35 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
SKD35/16
Power Bridge Rectifiers
FEATURES
·
High surge current capability
·
Easy chassis mounting
·
High voltage ratings up to 1600V
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Battery charges
·
DC motor drives
·
Various rectifiers
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Repetitive Peak Reverse Voltage
1600
V
IO
Average Rectified Output Current
@60Hz sine wave, R-load, With
heatsink Tc=55℃
35
A
IFSM
Surge(Non-repetitive)Forward
Current @60HZ Half- sine Wave, 1
cycle, Ta=25℃
425
A
I2 t
Current Squared Time
@1ms≤t<8.3ms Tj=25℃, Rating of
per diode
750
A2S
TJ
Junction Temperature
-55~150
℃
Tstg
Storage Temperature Range
-55~150
℃
Vdis
Dielectric Strength, Terminals to case,AC 1 minute
2.5
KV


Similar Part No. - SKD35

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKD35 SEMIKRON-SKD35 Datasheet
272Kb / 3P
Power Bridge Rectifiers
01-08-2016
SKD35AV SEMIKRON-SKD35AV Datasheet
323Kb / 3P
Power Bridge Rectifiers
05-02-2016
More results

Similar Description - SKD35

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKB30 SEMIKRON-SKB30 Datasheet
465Kb / 3P
Power Bridge Rectifiers
SKB25 SEMIKRON-SKB25 Datasheet
79Kb / 4P
Power Bridge Rectifiers
SKD25 SEMIKRON-SKD25_04 Datasheet
278Kb / 3P
Power Bridge Rectifiers
SKB26 SEMIKRON-SKB26_07 Datasheet
93Kb / 2P
Power Bridge Rectifiers
SKB30 SEMIKRON-SKB30_07 Datasheet
469Kb / 3P
Power Bridge Rectifiers
SKB15 SEMIKRON-SKB15_07 Datasheet
408Kb / 3P
Power Bridge Rectifiers
SKB72 SEMIKRON-SKB72_07 Datasheet
429Kb / 3P
Power Bridge Rectifiers
SKD82 SEMIKRON-SKD82 Datasheet
408Kb / 3P
Power Bridge Rectifiers
SKD100 SEMIKRON-SKD100 Datasheet
529Kb / 3P
Power Bridge Rectifiers
SKB26 SEMIKRON-SKB26_08 Datasheet
419Kb / 3P
Power Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com