Electronic Components Datasheet Search
  English  ▼

X  

TALOS-2000 Datasheet(PDF) 1 Page - Adlink Technology Inc.

Part # TALOS-2000
Description  6th Generation Intel짰 Core i7/i5/i3 Processor-Based Automation Control System
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADLINK [Adlink Technology Inc.]
Direct Link  https://www.adlinktech.com/en/index
Logo ADLINK - Adlink Technology Inc.

TALOS-2000 Datasheet(HTML) 1 Page - Adlink Technology Inc.

  TALOS-2000 Datasheet HTML 1Page - Adlink Technology Inc. TALOS-2000 Datasheet HTML 2Page - Adlink Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Talos-2000 Series
6th Generation Intel® Core™ i7/i5/i3 Processor-Based Automation Control System
with EtherCAT & 4CH GigE Vision Support
Software Support
●
Windows 7/10 32/64-bit, WES7
●
APS function library for Motion & I/O Control
●
ADLINK MotionCreatorPro 2
Ordering Information
●
Talos-2110/M4G/500G HDD
6th Generation Intel® Core™ i7/i5/i3 processor-based
automation control system with EtherCAT & 4CH GigE Vision
support, 4GB RAM and 500GB HDD
●
Talos-2210/M4G/500G HDD
6th Intel® Core™ i5-6500 3.6GHz processor-based automation
system with EtherCAT & 4CH GigE Vision support, 4GB RAM and
500GB HDD
●
Talos-2310/M4G/500G HDD
6th Intel® Core™ i3-6100 3.7 GHz processor-based automation
system with EtherCAT & 4CH GigE support, 4GB RAM and
500GB HDD
●
Talos-2410/M4G/500G HDD
6th Intel® Celeron™ G3900 2.8 GHz processor-based automation
system with EtherCAT & 4CH GigE support, 4GB RAM and
500GB HDD
Optional Accessories
●
160W industrial-grade AC adapter
●
DIN rail/wall-mount kit
P
Features
●
6th Generation Intel® Core™ i7/i5/i3 Processor
●
Up to 64-axis motion control & 10,000 I/O point control via
EtherCAT
●
Up to 4CH Gigabit PoE (power over Ethernet)
●
EtherCAT cycle time up to 250µs
●
Broad AVL of EtherCAT slaves, PoE cameras
●
Point-table functions enabling application contouring
●
Support for up to 16D linear, 3D circular, and 3D spiral interpolation
●
Easy installation and maintenance with flexible function
extensions via Ethernet connection
●
4CH isolated digital input/4CH isolated digital output
Introduction
ADLINK’s Talos-2000 Series ready-to-use automation control
system, powered by 6th Generation Intel® Core™ i7/i5/i3
processors, provides EtherCAT control and four independent PoE
(power over Ethernet) ports, with data transfer rates up to 4.0Gb/s.
The Talos-2000 Series offers motion control of up to 64 axes,
10,000 I/O points, and 4CH PoE camera connectivity with minimal
footprint. The ideal solution for machinery automation, Talos-2110
integrates complete APIs for multi-dimensional, highly synchronized
and time-deterministic event-triggered motion & I/O control, high
precision image capture, and data transmission.
Field device connectivity in the Talos-2000 Series is provided
through RJ45 connection for easy installation, and the latest 6th
Generation Intel® Core™ i7/i5/i3 processors enable powerful and
flexible EtherCAT slave control, broad PoE camera compatibility,
and compact size.
Preliminary


Similar Part No. - TALOS-2000

ManufacturerPart #DatasheetDescription
logo
Adlink Technology Inc.
TALOS-3012 ADLINK-TALOS-3012 Datasheet
244Kb / 1P
Master Controller Supporting IEC 61131-3
More results

Similar Description - TALOS-2000

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
AEC-POS01 AAEON-AEC-POS01 Datasheet
175Kb / 2P
Intel짰 Core??i7/i5/i3 LGA 1155 Processor, Intel짰 Q77 Chipset
IMBA-Q77 AAEON-IMBA-Q77 Datasheet
549Kb / 2P
Intel짰 3rd Generation Core??i7/ i5/ i3 LGA 1155 Processor
IMBM-B75A AAEON-IMBM-B75A Datasheet
375Kb / 2P
Intel짰 2nd/3rd Generation Core??i7/ i5/ i3/ Processors
logo
Axiomtek Co., Ltd.
CAPA881 AXIOMTEK-CAPA881 Datasheet
192Kb / 1P
4th Generation Intel Core i7/i5/i3 processor
logo
Advantech Co., Ltd.
SYS-4U4000-4A05 ADVANTECH-SYS-4U4000-4A05_14 Datasheet
1Mb / 2P
3rd Gen Intel짰 Core??i7/i5/i3 4U 4A053rd Gen Intel짰 Core??i7/i5/i3 4U
logo
Axiomtek Co., Ltd.
CAPA500 AXIOMTEK-CAPA500 Datasheet
341Kb / 1P
LGA1151 6th/7th gen Intel짰 Core??i7/i5/i3 processor
EBOX640-500-FL AXIOMTEK-EBOX640-500-FL Datasheet
296Kb / 1P
LGA1151 socket 6th/7th gen Intel짰 Core??i7/i5/i3 & CeleronR processor
EBOX700-891-FL AXIOMTEK-EBOX700-891-FL Datasheet
356Kb / 1P
Fanless Embedded System with LGA1151 Socket 6th/7th Gen Intel짰 Core i7/i5/i3
logo
Advantech Co., Ltd.
ARK-2250L ADVANTECH-ARK-2250L Datasheet
1Mb / 4P
Intel 6th Generation Core i3/i5/i7 Modular Fanless Box PC
ARK-2250L ADVANTECH-ARK-2250L_V01 Datasheet
1Mb / 4P
Intel 6th Generation Core??i3/i5/i7 Modular Fanless Box PC
21-Mar-2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com