Electronic Components Datasheet Search
  English  ▼

X  

USB-2405/S Datasheet(PDF) 2 Page - Adlink Technology Inc.

Part # USB-2405/S
Description  2 or 4-ch 24-bit 128kS/s Dynamic Signal Acquisition USB 2.0 Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADLINK [Adlink Technology Inc.]
Direct Link  https://www.adlinktech.com/en/index
Logo ADLINK - Adlink Technology Inc.

USB-2405/S Datasheet(HTML) 2 Page - Adlink Technology Inc.

  USB-2405/S Datasheet HTML 1Page - Adlink Technology Inc. USB-2405/S Datasheet HTML 2Page - Adlink Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.adlinktech.com
All products and company names listed are trademarks or trade names of their respective companies.
Updated Feb. 11, 2020. ©2020 ADLINK Technology, Inc. All Rights Reserved.
All specifications are subject to change without further notice.
• Bandwidth
• Flatness
• Crosstalk
• System noise
• SFDR (Vin = -1 dBFS)
• Dynamic Range (Vin = -60 dBFS, fs=102.4kS/s)
Digital Input / Output
Note: Function I/O shares the same I/O pins, such that only one of these modes
can be selected at a time.
General Specifications
●
I/O connector: Two or four BNC connectors and 4-pin removable
spring terminals
●
Operating temperature: 0 to 55°C (32 to 131˚F)
●
Storage temperature:-20 to 70°C (-4 to 158˚F)
●
Power requirements: 5V @ 400mA (USB bus powered)
●
Dimensions (not including stand):
114 mm (W) x 167.5 mm (D) x 41.3 mm (H) (4.5” x 6.6” x 1.63”)
●
Relative humidity: 5% to 95%, non-condensing
Specifications
Analog Input
●
DC accuracy (25°C)
●
AC Dynamic Performance (typical, 25°C)
• THD, THD+N (Vin = 8.9 Vpk)
• CMRR
Product Illustration
Channels
2 or 4 (simultaneous sampling)
ADC Resolution
24-bit
ADC type
Delta-sigma
Sampling rate
1 kS/s to 128 kS/s
Input range
±10V
FIFO buffer size
8kS across all channel
Input Configuration
Differential or pseudo-differential
Input impedance
200 kΩ (between positive input and
negative input) 16.93 kΩ (Between
negative input and chassis ground)
Input coupling
AC or DC, software selectable
Integrated Electronic
Piezoelectric (IEPE)
Current: 2 mA or 0 mA, software
selectable IEPE compliance: 24V
Over-voltage
protection
±60V
Input common
mode range
±10V
Trigger source
Analog or digital, software selectable
Trigger mode
Post trigger, delay trigger, middle
trigger, gated trigger, pre-trigger,
post or delay trigger with re-triggering
Data Transfer
Programmed I/O, continuous (bulk
transfer mode)
Channels
2 programmable function I/O
Compatibility
3.3V / TTL (single-ended)
Initial status
Input (pull low)
Input voltage
Logic low: VIL = 0.8 V max; IIL = 0.2 mA max.
Logic high: VIH = 2.0 V min.; IIH = 0.2 mA max.
Output voltage
Logic low: VOL = 0.8 V max; IIL = 0.2 mA max.
Logic high: VOH = 2.0 V min.; IIH = 24 mA max.
Over-voltage
protection
-2V ~ +7V
Supporting modes
• Static digital input/output
• Pulse output, max. frequency:4 MHz
• Event counter, max.
frequency: 4MHz
• Digital trigger IN
• Synchronization sample clock IN
Data Transfer
Programmed I/O
Offset Error (mV)
Gain Error (%)
Typical: ±0.15mV
Typical: ±0.15%
Max. ±0.3mV
Max. ±0.3%
-3dB bandwidth
0.49 * sampling rate
AC cut-off frequency (-3dB)
0.4 Hz
AC cut-off frequency (-0.1dB)
2.4 Hz
Input Signal Frequency (fin)
Flatness
20 Hz to 20 kHz
±0.01 dB
20 Hz to 46.4 kHz
±0.15 dB
Input Signal Frequency (f
in)
Crosstalk
1 kHz
-102 dB
46.4 kHz
-95 dB
Input Signal Frequency (fin)
SFDR
1 kHz
104 dB
Input Signal Frequency (fin)
Dynamic range
1 kHz
100 dB
Mode
AI Noise
High-Resolution (< 52.734 kHz)
50μVrms
High-Speed Mode
(52.734 kHz to 128 kHz)
65μVrms
AC (20 Hz to 1 kHz)
60 dB
Input
configuration
Input Signal
Frequency (fin)
THD
THD+N
Differential
20 Hz to 20 kHz
-94 dB
-91 dB
20 Hz to 46.4 kHz
-89 dB
-88 dB
Pseudodifferential
20 Hz to 20 kHz
-92 dB
-88 dB
20 Hz to 46.4 kHz
-85 dB
-85 dB
AI 3
AI 2
AI 1
AI 1
AI 0
AI 0
DGND
DGND
GPIO 1
GPIO 1
GDND
GDND
GPIO 0
GPIO 0
USB-2405/S
USB-2405/2AI



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com