Electronic Components Datasheet Search
  English  ▼

X  

170921 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 170921
Description  Guided actuator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

170921 Datasheet(HTML) 1 Page - Festo Corporation.

  170921 Datasheet HTML 1Page - Festo Corporation. 170921 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Guided actuator
DFM-20-100-P-A-KF
Part number: 170921
Data sheet
Feature
Value
Distance of centre of gravity of payload to yoke plate xs
50 mm
Max. static moment Mx
29.58 Nm
Max. static moment My
18.87 Nm
Max. permissible torque load Mx as a function of the stroke
2.95 Nm
Max. force Fz static
1020 N
Max. force Fy static
1020 N
Center of gravity of the moving mass as a function of the stroke
59.4 mm
Max. static moment Mz
18.87 Nm
Max. force Fy
817 N
Max. force Fz
817 N
Max. torque My
15.11 Nm
Max. torque Mz
15.11 Nm
Stroke
100 mm
Piston diameter
20 mm
Type code
DFM
Drive unit operating mode
Yoke
Cushioning
Elastic cushioning rings/pads at both ends
Mounting position
Any
Guide
Recirculating ball bearing guide
Design
Guide
Position sensing
For proximity sensor
Symbol
00991737
Operating pressure
2 bar ... 10 bar
Max. speed
0.8 m/s
Mode of operation
Double-acting
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
0 - No corrosion stress
Ambient temperature
-5 °C ... 60 °C
Impact energy in the end positions
0.2 J
Max. torque Mx
23.69 Nm
Max. payload as a function of the stroke at defined distance xs
78 N
Theoretical force at 6 bar, retracting
141 N
Theoretical force at 6 bar, advancing
188 N
Moving mass
632 g
Product weight
1468 g
10/21/20 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 170921

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
1709211 FESTO-1709211 Datasheet
91Kb / 2P
Electric pressure regulator
3/23/22
logo
PHOENIX CONTACT
1709212 PHOENIX-1709212 Datasheet
104Kb / 5P
Plug - IPC 5/ 8-STF-7,62
logo
Festo Corporation.
1709212 FESTO-1709212 Datasheet
91Kb / 2P
Electric pressure regulator
3/23/22
1709213 FESTO-1709213 Datasheet
91Kb / 2P
Electric pressure regulator
3/23/22
More results

Similar Description - 170921

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
DFM-10-5-P-A-GF FESTO-DFM-10-5-P-A-GF Datasheet
92Kb / 1P
Guided actuator
DFM-10-20-P-A-GF FESTO-DFM-10-20-P-A-GF Datasheet
92Kb / 1P
Guided actuator
DFM-12-20-P-A-GF FESTO-DFM-12-20-P-A-GF Datasheet
93Kb / 1P
Guided actuator
DFM-12-80-P-A-KF FESTO-DFM-12-80-P-A-KF Datasheet
93Kb / 2P
Guided actuator
DFM-16-10-P-A-GF FESTO-DFM-16-10-P-A-GF Datasheet
93Kb / 1P
Guided actuator
DFM-16-25-P-A-GF FESTO-DFM-16-25-P-A-GF Datasheet
94Kb / 1P
Guided actuator
DFM-16-50-P-A-KF FESTO-DFM-16-50-P-A-KF Datasheet
95Kb / 2P
Guided actuator
DFM-16-100-P-A-GF FESTO-DFM-16-100-P-A-GF Datasheet
89Kb / 1P
Guided actuator
DFM-16-100-P-A-KF FESTO-DFM-16-100-P-A-KF Datasheet
91Kb / 2P
Guided actuator
DFM-100-50-P-A-GF FESTO-DFM-100-50-P-A-GF Datasheet
88Kb / 1P
Guided actuator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com